Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 32 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 32 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 28Page - Sony Corporation CXA2000 Datasheet HTML 29Page - Sony Corporation CXA2000 Datasheet HTML 30Page - Sony Corporation CXA2000 Datasheet HTML 31Page - Sony Corporation CXA2000 Datasheet HTML 32Page - Sony Corporation CXA2000 Datasheet HTML 33Page - Sony Corporation CXA2000 Datasheet HTML 34Page - Sony Corporation CXA2000 Datasheet HTML 35Page - Sony Corporation CXA2000 Datasheet HTML 36Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
– 32 –
CXA2000Q
7. Status register
HLOCK
(1)
: Lock status between H SYNC and H VCO
0 = HVCO free run status
1 = Locked to H SYNC
IKR
(1)
: AKB operation status
0 = REF-P at Ik small and AKB loop unstable.
1 = REF-P at Ik sufficient and AKB loop stable.
VNG
(1)
: Signal input status to V PROT pin
0 = No V PROT input
1 = V PROT input (In this case, the RGB output is blanked.)
XRAY
(1)
: Signal input status to XRAY control pin (HOFF pin)
0 = No XRAY control input
1 = XRAY control input (In this case, the RGB output is blanked.)
COLOR SYS
(3)
: Color system status
0h = —
1h = —
2h = NO STANDARD
3h = SECAM
4h = 3.58MHz NTSC
5h = 4.43MHz NTSC
6h = 3.58MHz PAL
7h = 4.43MHz PAL
CV SYNC
(1)
: CV input SYNC SEP result
When VIDEO is input to CVIN, "1" is returned when the SYNC level is 100mV or
more (standard: 300mV)
0 = No SYNC
1 = SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com