Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 5Page - Sony Corporation CXA2000 Datasheet HTML 6Page - Sony Corporation CXA2000 Datasheet HTML 7Page - Sony Corporation CXA2000 Datasheet HTML 8Page - Sony Corporation CXA2000 Datasheet HTML 9Page - Sony Corporation CXA2000 Datasheet HTML 10Page - Sony Corporation CXA2000 Datasheet HTML 11Page - Sony Corporation CXA2000 Datasheet HTML 12Page - Sony Corporation CXA2000 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
– 9 –
CXA2000Q
CR connection for the AFC lag-lead filter.
IREF
39
L2FIL
Filter for H AFC.
Connect to GND via a capacitor.
The H phase can also be controlled from
this pin by leading current in and out of
this capacitor.
As the pin voltage rises, the picture shifts
to the left; as the pin voltage drops, the
picture shifts to the right.
40
AFCFIL
100
39
46k
1.2k
40
41
CERA
Connect the 32
× FH VCO ceramic
oscillator.
41
400µA
10k
42
44
DGND
DVCC2
Power supply for the H deflection block.
GND for the deflection block.
43
Internal reference current setting.
Connect to GND via a resistor with an
error of less than 1% (such as a metal
film resistor).
147
43
20k
45
VSFIL
Filter for V sync separation.
Connect to GND via a capacitor.
1k
45
Pin
No.
Symbol
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com