Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 38 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 38 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 34Page - Sony Corporation CXA2000 Datasheet HTML 35Page - Sony Corporation CXA2000 Datasheet HTML 36Page - Sony Corporation CXA2000 Datasheet HTML 37Page - Sony Corporation CXA2000 Datasheet HTML 38Page - Sony Corporation CXA2000 Datasheet HTML 39Page - Sony Corporation CXA2000 Datasheet HTML 40Page - Sony Corporation CXA2000 Datasheet HTML 41Page - Sony Corporation CXA2000 Datasheet HTML 42Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
– 38 –
CXA2000Q
4) 16:9 CRT subtitle-in mode
When CinemaScope size images which have black borders at the top and bottom of the picture are merely
enlarged with the zoom mode in 3) above, subtitles present in the black borders may be lost. Therefore, this
mode is used to super-compress only the subtitle part and reproduce it on the display.
Add the LO-VLIN adjustment to the zoom mode settings for the register settings.
V-ASPECT = 2Fh
V-SCROLL = 1Fh or user control
LO-VLIN
= Adjustment value
The LO-VLIN register causes only the linearity at the bottom of the picture to deteriorate. Therefore, UP-VLIN
should also be adjusted if the top and bottom of the picture are to be made symmetrical. Since the picture is
compressed vertically, the number of scanning lines exceeds 430 lines.
5) 16:9 CRT V compression mode
This mode is used to reproduce two 4:3 video displays such as for PandP. The V size must be compressed to
67% in order to reproduce two displays on a 16:9 CRT without distortion using 480 scanning lines, and this can
be set by JMPSW. Compression is performed after the AKB reference pulse, so the reference pulse remains in
the overscan position. The V blanking width after the reference pulse becomes larger than normal and can be
varied by the VBLKW register. During this mode, the bottom V blanking width is also expanded to 3H wider
than normal so that the bottom of the picture is not overscanned.
16:9 CRT standard values are used with only the JMPSW setting changed for the register settings.
JMPSW = 1
6) 16:9 CRT wide zoom mode
This mode reproduces 4:3 video software naturally on wide displays by enlarging 4:3 images without other
modification and compressing the parts of the image which protrude from the picture into the top and bottom
parts of the picture. The display enlargement ratio is controlled by V-ASPECT, and the compression ratios at
the top and bottom of the picture are controlled by UP-VLIN and LO-VLIN.
Adjust the following three registers with respect to the 16:9 CRT standard values for the register settings.
V-ASPECT = Adjustment value
UP-VLIN
= Adjustment value
LO-VLIN
= Adjustment value
7) 4:3 CRT normal mode
This is the standard mode for 4:3 CRTs.
The register settings are the 4:3 CRT standard values.
8) 4:3 CRT V compression mode
This mode is used to reproduce M-N converter output consisting of 16:9 images expanded to a 4:3 aspect ratio
and other squeezed signals without distortion on a 4:3 CRT. The V size must be compressed to 75% in order
to reproduce a 4:3 squeezed signal at a 16:9 aspect ratio without any distortion. Compressing the V size with
the JMPSW register used in mode 5) above, compresses the V size to 67%. Therefore, V-ASPECT is set to
enlarge the V size by 8%. AKB reference pulse handling and V blanking are the same as for mode 5) above.
4:3 CRT standard values are used with the V-ASPECT and JMPSW settings changed for the register settings.
V-ASPECT = 3Fh
JMPSW
= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com