Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 23 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 23 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 19Page - Sony Corporation CXA2000 Datasheet HTML 20Page - Sony Corporation CXA2000 Datasheet HTML 21Page - Sony Corporation CXA2000 Datasheet HTML 22Page - Sony Corporation CXA2000 Datasheet HTML 23Page - Sony Corporation CXA2000 Datasheet HTML 24Page - Sony Corporation CXA2000 Datasheet HTML 25Page - Sony Corporation CXA2000 Datasheet HTML 26Page - Sony Corporation CXA2000 Datasheet HTML 27Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
– 23 –
CXA2000Q
TRAP F0
SUB-HUE
B-CUTOFF
V-LIN
PIN-PHASE
AFC-ANGLE
LO-VLIN
RIGHT-BLK
CORNER-PIN
PICTURE
HUE
COLOR
BRIGHT
SUB-BRIGHT
G-DRIVE
B-DRIVE
V-SIZE
V-POSITION
H-SIZE
PIN-COMP
V-ASPECT
V-SCROLL
SHARPNESS
SUB-CONT
SUB-COLOR
G-CUTOFF
S-CORR
H-POSITION
AFC-BOW
UP-VLIN
LEFT-BLK
Definition of I2C Bus Registers
Slave Addresses
88h: Slave Receiver
89h: Slave Transmitter
Register Table
"
∗": Undefined
Control Register
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Sub Address
××× 0 0 0 0 0 00 h
××× 0 0 0 0 1 01 h
××× 0 0 0 1 0 02 h
××× 0 0 0 1 1 03 h
××× 0 0 1 0 0 04 h
××× 0 0 1 0 1 05 h
××× 0 0 1 1 0 06 h
××× 0 0 1 1 1 07 h
××× 0 1 0 0 0 08 h
××× 0 1 0 0 1 09 h
××× 0 1 0 1 0 0A h
××× 0 1 0 1 1 0B h
××× 0 1 1 0 0 0C h
××× 0 1 1 0 1 0D h
××× 0 1 1 1 0 0E h
××× 0 1 1 1 1 0F h
××× 1 0 0 0 0 10 h
××× 1 0 0 0 1 11 h
××× 1 0 0 1 0 12 h
××× 1 0 0 1 1 13 h
××× 1 0 1 0 0 14 h
××× 1 0 1 0 1 15 h
××× 1 0 1 1 0 16 h
××× 1 0 1 1 1 17 h
××× 1 1 0 0 0 18 h
××× 1 1 0 0 1 19 h
TRAPOFF
DC-TRAN
TOT
D-COL
VMOFF
D-PIC
∗
∗
PRE-OVER
COLOR SW
GAMMA
AGING
0
AKBOFF
CD-MODE
FHHI
VOFF
PICON
BON
GON
RON
V-FREQ
AFC-MODE
REF-POSI
VBLKW
EXT SYNC
ZOOM SW
JMP SW
CV/YC
HBLKSW
HSIZESW
Status Register
Bit0
CV SYNC
Bit1
Bit2
Bit3
Bit4
XRAY
Bit5
VNG
Bit6
IKR
Bit7
H LOCK
INTERLACE
SCP BGR
SCP BGF
XTAL
EHT H
EHT V
∗∗
∗
YS1 OFF
DL
∗
COLOR SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com