Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 6Page - Sony Corporation CXA2000 Datasheet HTML 7Page - Sony Corporation CXA2000 Datasheet HTML 8Page - Sony Corporation CXA2000 Datasheet HTML 9Page - Sony Corporation CXA2000 Datasheet HTML 10Page - Sony Corporation CXA2000 Datasheet HTML 11Page - Sony Corporation CXA2000 Datasheet HTML 12Page - Sony Corporation CXA2000 Datasheet HTML 13Page - Sony Corporation CXA2000 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
– 10 –
CXA2000Q
Sync signal output for VSIN and HSIN.
The output can be selected from the
internal sync signals (Pin 53 or Pin 55) or
the external sync signal (Pin 56) by the
I2C bus.
Output signal level: 2Vp-p
(0.6Vp-p sync only)
Input/output gain: 6dB
46
VSIN
Sync signal input for V sync separation.
Input a 2Vp-p Y signal (or a 0.6Vp-p
sync signal).
47
HSIN
Sync signal input for H sync separation.
Input a 2Vp-p Y signal (or a 0.6Vp-p sync
signal).
48
SYNCOUT
147
4.1V
46
20µA
15k
147
3.2V
10µA
14k
47
240µA
1.2k
40k
48
147
49
VM
Outputs the differential waveform of the
VM (Velocity Modulation) Y signal.
(6.6VDC, 1.1Vp-p)
The signal advanced for 200ns from
YOUT is output. The delay time versus
YIN is determined by the DL setting of
the I2C bus. This output can be turned off
through the I2C bus.
This output can also be turned off by
YS1, YM, and YS2.
400µA
500
30k
147
49
1.2k
50
SCL
I2C bus protocol SCL (Serial Clock) input.
VILMAX = 1.5V
VIHMIN = 3.5V
4k
50
Pin
No.
Symbol
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com