Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 33 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 33 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 29Page - Sony Corporation CXA2000 Datasheet HTML 30Page - Sony Corporation CXA2000 Datasheet HTML 31Page - Sony Corporation CXA2000 Datasheet HTML 32Page - Sony Corporation CXA2000 Datasheet HTML 33Page - Sony Corporation CXA2000 Datasheet HTML 34Page - Sony Corporation CXA2000 Datasheet HTML 35Page - Sony Corporation CXA2000 Datasheet HTML 36Page - Sony Corporation CXA2000 Datasheet HTML 37Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
– 33 –
CXA2000Q
Description of Operation
1. Power-on sequence
The CXA2000Q does not have an internal power-on sequence. Therefore, power-on sequence is all controlled
by the set microcomputer (I2C bus controller).
1) Power-on
The IC is reset and the RGB outputs are all blanked. Hdrive starts to oscillate, but oscillation is at the
maximum frequency (16kHz or more) and is not synchronized to the input signal. Output of vertical signal
VTIM starts, but Vdrive is DC output. Bus registers which are set by power-on reset are as follows.
AGING
= 0: All white output aging mode OFF
RON
= 0: Rch video blanking ON
GON
= 0: Gch video blanking ON
BON
= 0: Bch video blanking ON
PICON
= 0: RGB all blanking ON
VOFF
= 1: VDRIVE output stopped mode
VFREQ
= 0: Automatic identification mode (identification starts at 50Hz)
FHHI
= 1: H oscillator maximum frequency mode
HSIZESW
= 0: Normal
CD-MODE = 0: Automatic selection mode of the countdown mode
AKBOFF
= 0: AKB mode
2) Bus register data transfer
The register setting sequence differs according to the set sequence. Register settings for the following
sequence are shown as an example.
Set sequence
CXA2000Q register settings
Power-on
Reset status in 1) above.
↓↓
Degauss
Reset status in 1) above.
The CRT is degaussed in the completely darkened condition.
↓↓
VDRIVE oscillation
The IC is set to the power-on initial settings. (See the following page.)
A sawtooth wave is output to VDRIVE and the IC waits for the vertical
deflection to stabilize. The HDRIVE oscillator frequency goes to the standard
frequency.
↓↓
AKB operation start
PICON is set to 1 and a reference pulse is output from Rout, Gout and Bout.
Then, the IC waits for the cathode to warm up and the beam current to start
flowing.
↓↓
AKB loop stable
Status register IKR is monitored.
IKR = 0: No cathode current
IKR = 1: Cathode current
Note that the time until IKR returns to 1 differs according to the initial status
of the cathode.
↓↓
Video output
RON, GON and BON are set to 1 and the video signal is output from Rout,
Gout and Bout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com