Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 3Page - Sony Corporation CXA2000 Datasheet HTML 4Page - Sony Corporation CXA2000 Datasheet HTML 5Page - Sony Corporation CXA2000 Datasheet HTML 6Page - Sony Corporation CXA2000 Datasheet HTML 7Page - Sony Corporation CXA2000 Datasheet HTML 8Page - Sony Corporation CXA2000 Datasheet HTML 9Page - Sony Corporation CXA2000 Datasheet HTML 10Page - Sony Corporation CXA2000 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
– 7 –
CXA2000Q
Connect a capacitor to form the LPF of
the ABL control signal.
28
ABLIN/VCOMP
ABL control signal input and VSAW high
voltage fluctuation compensation signal
input.
High voltage compensation has linear
control characteristics for the pin voltage
range of about 8V to 1V. The control
characteristics can be varied through
EHT-V control of the bus. ABL begins to
have effect below a threshold voltage of
about 1.2V.
ABL functions as PIC/BRT-ABL (average
value type).
29
ABLFIL
30
VTIM
V timing pulse output.
Outputs the timing pulse from V sync
identification to the end of V blanking.
Pulses are positive polarity from 1 to 6V.
During zoom mode, the V blanking pulse
which has been expanded before and
after the V sync is superimposed and
output as the 1 to 3V pulse.
1.5V
147
28
29
1.2k
100k
10k
1k
1k
30
31
VD–OUT/VPROT
V sawtooth wave output and V protect
signal input.
When a large current (3mA) is drawn
from this pin, the RGB outputs are all
blanked and "1" is output to the status
register VNG.
31
400µA
700
24k
30k
32
VD+OUT/VPROT
Serves as both a V sawtooth wave output
with the reverse polarity of VD–OUT,
and a Vprotect signal input. The Vprotect
function can even be applied to this pin.
400µA
700
30k
24k
32
Pin
No.
Symbol
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com