Electronic Components Datasheet Search
  English  ▼

X  

CXA2000 Datasheet(PDF) 25 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 25 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 21Page - Sony Corporation CXA2000 Datasheet HTML 22Page - Sony Corporation CXA2000 Datasheet HTML 23Page - Sony Corporation CXA2000 Datasheet HTML 24Page - Sony Corporation CXA2000 Datasheet HTML 25Page - Sony Corporation CXA2000 Datasheet HTML 26Page - Sony Corporation CXA2000 Datasheet HTML 27Page - Sony Corporation CXA2000 Datasheet HTML 28Page - Sony Corporation CXA2000 Datasheet HTML 29Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
– 25 –
CXA2000Q
DC-TRAN
(1)
: Y DC transmission ratio selector switch
0 = 100%
1 = 81%
D-PIC
(1)
: Y black expansion ON/OFF switch
0 = OFF
1 = ON
Point of inflection: 30 IRE
3. C signal block register
TOT
(1)
: Chroma TOT filter band selector switch
0 = TOT — TRAP OFF
1 = TOT — TRAP ON (TRAP fo 2MHz)
COLOR
(6)
: Color gain control (Chroma gain control)
0h = Color OFF (–40dB or less)
1Fh = 0dB B output: 1.02Vp-p (I/O gain: +11dB, 0.285Vp-p input)
3Fh = +6dB
SUB-COLOR (4)
: Color gain control (ACC reference level control)
0h = –5dB
7h = 0dB
Fh = +3dB
HUE
(6)
: Hue control (Phase control for chroma demodulation axis when SUB-HUE is 7h)
Control not possible for a PAL system.
0h = +35°
Flesh color appears red.
1Fh = 0°
3Fh = –35°
Flesh color appears green.
SUB-HUE
(4)
: Hue control (Phase control for chroma demodulation axis when HUE is 1Fh)
B-Y axis adjustable to 0°.
Control not possible for a PAL system.
0h = +10°
7h =
0°
Fh = –10°
XTAL
(2)
: XTAL selection setting switch
0h = Automatic identification
1h = Force to XTAL1 (3.58MHz)
2h = Force to XTAL2 (4.43MHz)
COLOR SW
(2)
: Color system setting
0h = Automatic identification
1h = Force to PAL
2h = Force to NTSC
3h = Force to SECAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com