| Electronic Components Datasheet Search |
|
R262 Datasheet(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
R262 Datasheet(HTML) 9 Page - ON Semiconductor |
|
9 / 28 page ![]() BelaSigna R262 http://onsemi.com 9 Figure 3. Proposed Ground Plane Positioning (soldering footprint view) 12 34 567 89 Analog Ground Plane G E F C D B Digital Ground Plane A G1 G3 G5 G7 G9 F2 F4 F6 F8 D4 D6 E1 E3 E5 E7 E9 A1 A3 A5 A7 A9 B2 B4 B6 B8 C1 C3 C5 C7 C9 F6 = VBAT D6 = A_OUT0 E7 = A_OUT1 G7 = CAP0 F8 = CAP1 G9 = VBATRCVR E9 = VSSRCVR B6 = VDDD C7 = DMIC_OUT A7 = SPI_CLK A7 = CLOCK_SEL B8 = SPI_SERO B8 = CHAN_SEL A9 = SPI_CS A9 = BOOT_SEL C9 = SPI_SERI C9 = ALPHA_SEL F2 = RESERVED G3 = VREG E3 = VMIC G1 = MIC0 E1 = MIC2 F4 = VSSA D4 = NRESET G5 = VDDA E5 = AI1 C1 = I2C_SCL C3 = I2C_SDA C5 = SWAP_CHAN B4 = VDDO A5 = VSSD A3 = EXT_CLK A1 = DEBUG_RX B2 = DEBUG_TX The VSSD plane is used as the ground return for digital circuits and should be placed under digital circuits. The VSSA plane should be kept as noise−free as possible. It is used as the ground return for analog circuits and it should surround analog components and pins. It should not be connected to or placed under any noisy circuits such as RF chips, switching supplies or digital pads of BelaSigna R262 itself. Analog ground returns associated with the audio output stage should connect back to the star point on separate individual traces. For details on which signals require special design consideration, see Table 4 and Table 5. In some designs, space constraints may make separate ground planes impractical. In this case a star configuration strategy should be used. Each analog ground return should connect to the star point with separate traces. Internal Power Supplies Power management circuitry in BelaSigna R262 generates separate digital (VDDD) and analog (VREG, VDDA) regulated supplies. Each supply requires an external decoupling capacitor, even if the supply is not used externally. Decoupling capacitors should be placed as close as possible to the power pads. The digital I/O levels are defined by a separate power supply pin on BelaSigna R262 (VDDO). This pin must be externally connected by the application PCB, usually to VBAT. Further details on these critical signals are provided in Table 4. Non−critical signals are outlined in Table 5. More information on the power supply architecture can be found in the Power Supply Unit section. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |