Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 24 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button R262 Datasheet HTML 20Page - ON Semiconductor R262 Datasheet HTML 21Page - ON Semiconductor R262 Datasheet HTML 22Page - ON Semiconductor R262 Datasheet HTML 23Page - ON Semiconductor R262 Datasheet HTML 24Page - ON Semiconductor R262 Datasheet HTML 25Page - ON Semiconductor R262 Datasheet HTML 26Page - ON Semiconductor R262 Datasheet HTML 27Page - ON Semiconductor R262 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
BelaSigna R262
http://onsemi.com
24
Power Management Strategy & Battery Monitoring
BelaSigna R262 has a built−in power management unit
that guarantees valid system operation under any voltage
supply condition to prevent any unexpected audio output as
the result of any supply irregularity. The unit constantly
monitors the power supply and shuts down all functional
units (including all units in the audio path) when the power
supply voltage goes below a level at which point valid
operation can no longer be guaranteed.
The power management unit on BelaSigna R262 includes
power−on−reset (POR) functionality as well as power
supervisory circuitry, as shown in Figure 13. These two
components work together to ensure proper device
operation under all supply conditions.
The POR sequence is designed to ensure proper system
behavior during start−up and proper system configuration
after start−up. At the start of the POR sequence, the audio
output is disabled and all configuration and control registers
are asynchronously reset to their default values.
The power supervisory circuitry monitors the supply
voltage (VBAT). This circuit is used to start the system when
VBAT reaches a safe startup voltage, and to reset the system
when it drops below a relevant voltage threshold. The
relevant parameters are shown in Table 14.
Table 14. POWER MANAGEMENT PARAMETERS
Parameters
Voltage Level
VBAT startup
1.65 V ± 80 mV
VBAT shutdown
1.6 V ± 50 mV
The POR sequence consists of two phases: voltage supply
stabilization and boot ROM initialization. During the voltage
supply stabilization phase, the following steps are performed:
1. The internal regulators are enabled and allowed to
stabilize
2. The internal charge pump is enabled and allowed
to stabilize
3. SYSCLK is connected to all of the system
components (free−running PLL output)
4. The system runs the ROM application
At step 1, once the supply voltage rises above the startup
voltage and remains there for more than 5 ms, a signal will
enable the charge pump.
At step 2, another 5 ms delay is implemented to allow the
charge pump to stabilize before toggling the POR signal, and
thus enabling the digital core.
If the supply is consistent, the internal system voltage will
then remain at a fixed nominal voltage. If a spike occurs that
causes the voltage to drop below the shutdown internal
system voltage, the system will shut down. If the voltage
rises again above the startup voltage and remains there for
the required time, a POR sequence will occur again.
Once the ROM application is running, more system
monitoring is performed by the application; typically, the
software will permanently monitor the presence of an external
clock, and take the appropriate actions whenever it disappears.
See the system monitoring section for more information.
Digital Communication Interfaces
Debug Port (UART)
BelaSigna R262 has an RS232−based UART that can be
used to interface the chip from ON Semiconductor’s
communication tools. The debug port cannot be used for
customer applications. BelaSigna R262 can only be
configured using the I2C interface. See the I2C interface
section for information on how communication tools can
interface with BelaSigna R262.
General−Purpose Input Output (GPIO)
BelaSigna R262 has five GPIO pins which are all used
with specific functionalities. The five signals are SPI_CLK/
CLOCK_SEL,
SPI_CS/BOOT_SEL,
SPI_SERO/
CHAN_SEL, SPI_SERI/ALPHA_SEL and SWAP_CHAN.
SWAP_CHAN is used as a GPIO, consequently, it has an
internal pull
*up resistor. When used as LSADs
(CLOCK_SEL,
BOOT_SEL,
CHAN_SEL
and
ALPHA_SEL), the pull
*ups are disabled. If left floating in
LSAD mode, the pins have a weak pull
*down to ground.
See the Booting Control, Output and Channel Control and
Algorithm Control sections earlier in this document for
details on the behavior of these GPIO and LSAD pins.
Serial Peripheral Interface (SPI) Port
An SPI port is available on BelaSigna R262 for
applications such as communication with non−volatile
memory (EEPROM). The I/O levels on this port are defined
by the voltage on the VDDO pin. The SPI port operates in
master mode only, which supports communications with
slave SPI devices. The four signals needed by the SPI port
are multiplexed with other functions on BelaSigna R262
(GPIOs, LSADs). The use of the SPI port requires careful
design consideration with regards to the use of these other
functions.
I2C Interface
The I2C interface is an industry
*standard interface that
can be used for high
*speed transmission of data between
BelaSigna R262 and an external device. The interface
operates at speeds up to 400 kbit/sec. In product
development mode, the I2C interface is used for application
debugging purposes, communicating with the BelaSigna
R262 development tools, also known as SignaKlara
Development Utility (SKDU). The interface always
operates in slave mode and the slave address is 0x61.
A comprehensive command interface can be used with the
SKDU and other tools provided by ON Semiconductor. It
will offer a variety of support functions grouped in different
categories like general system control (system reset, status
information), application control (switching between
operating modes, enabling or disabling the algorithm),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com