Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 1 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 1 Page - ON Semiconductor

  R262 Datasheet HTML 1Page - ON Semiconductor R262 Datasheet HTML 2Page - ON Semiconductor R262 Datasheet HTML 3Page - ON Semiconductor R262 Datasheet HTML 4Page - ON Semiconductor R262 Datasheet HTML 5Page - ON Semiconductor R262 Datasheet HTML 6Page - ON Semiconductor R262 Datasheet HTML 7Page - ON Semiconductor R262 Datasheet HTML 8Page - ON Semiconductor R262 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 0
1
Publication Order Number:
BR262/D
BelaSigna R262
Wideband Voice Capture
and Noise Reduction
Solution
Introduction
BelaSigna® R262 is a complete system−on−chip (SoC) solution that
provides wideband advanced noise reduction in voice capture
applications such as mobile phones, VoIP applications such as
webcams and tablet computers, two−way radios and other applications
that will benefit from improved voice clarity.
Featuring a novel approach to removing mechanical, stationary and
non−stationary noise, the chip preserves voice naturalness for greater
voice clarity and speech intelligibility even when the talker is further
away or not optimally aligned with the microphones providing
unmatched freedom of movement for end−users. Designed to be
compatible with a wide range of codecs, baseband chips and
microphones without the need for calibration, BelaSigna R262 is easy
to integrate, improving manufacturers’ speed to market.
Additional features include the ability to provide two
simultaneously processed outputs and to configure them depending on
the needs of a manufacturer’s device. The chip includes a highly
optimized DSP−based application controller with industry−leading
energy efficiency and is packaged in two highly compact 5.3 mm2
WLCSPs to fit into even the most sized−constrained architectures and
allows the use of common industry printed circuit board design
technologies.
Key Features and Benefits
• Drop−in Solution that Works without Special Tuning
• Consistently Captures Voice Regardless of Acoustic Environment or
the Orientation of the Handheld Device While in Use
• 360° Voice Pick−up Adjustable From 5 cm to 5 m
• No Constraints on Industrial Design or Microphone Model
• Simultaneous Dual−configurable Outputs
• De−reverberation
• Low Power Consumption (17 mA active and 40 mA stand−by)
• Miniature Size Allows Easy Integration into Existing Industrial
Designs
Typical Applications
• Mobile Phones
• Notebook and Tablet Computers
• Two−Way Radios and PTT Devices
• VoIP Applications
• Any Device that would Benefit from Improved Voice Pick−up
http://onsemi.com
BR262
W30
ALYW
1
MARKING DIAGRAMS
WLCSP−30
W SUFFIX
CASE 567CT
See detailed ordering and shipping information in the package
dimensions section on page 28 of this data sheet.
ORDERING INFORMATION
BR262
= BelaSigna R262
W30
= 30−ball version
W26
= 26−ball version
A
= Assembly Location
L
= Wafer Lot
YW
= Date Code Year & Week
= Pb−Free Package
= A1 Corner Indicator
WLCSP−26
W SUFFIX
CASE 567CY
BR262
W26
ALYW
1
ORIENTATION
(Top View)


Similar Part No. - R262

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R26231BGL OKAYA-R26231BGL Datasheet
84Kb / 1P
SURGE PROTECTIVE DEVICES
R26242BGL OKAYA-R26242BGL Datasheet
84Kb / 1P
SURGE PROTECTIVE DEVICES
R26251BGL OKAYA-R26251BGL Datasheet
84Kb / 1P
SURGE PROTECTIVE DEVICES
More results

Similar Description - R262

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
NOISE REDUCTION
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
Noise Reduction Processor
logo
ON Semiconductor
R261 ONSEMI-R261 Datasheet
236Kb / 28P
Advanced Noise Reduction Solution for Voice Capture Devices
November, 2010 ??Rev. P2
BR261W30A101E1G ONSEMI-BR261W30A101E1G Datasheet
265Kb / 31P
Advanced Noise Reduction Solution for Voice Capture Devices
November, 2012 ??Rev. 2
BR281Q32A101V1G ONSEMI-BR281Q32A101V1G Datasheet
294Kb / 11P
Always-Listening, Voice Trigger Solution
August, 2015 ??Rev. 0
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
Audible Noise Reduction Techniques
logo
ON Semiconductor
BR262 ONSEMI-BR262_12 Datasheet
230Kb / 24P
Wideband Voice Capture
November, 2012 ??Rev. 2
R281 ONSEMI-R281_16 Datasheet
368Kb / 13P
Always-Listening, Voice Trigger Solution
September, 2016 ??Rev. 1
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
Pop noise reduction function
logo
ON Semiconductor
R281 ONSEMI-R281 Datasheet
265Kb / 11P
Always-Listening, Voice Trigger Solution
March, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com