Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 18 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button R262 Datasheet HTML 14Page - ON Semiconductor R262 Datasheet HTML 15Page - ON Semiconductor R262 Datasheet HTML 16Page - ON Semiconductor R262 Datasheet HTML 17Page - ON Semiconductor R262 Datasheet HTML 18Page - ON Semiconductor R262 Datasheet HTML 19Page - ON Semiconductor R262 Datasheet HTML 20Page - ON Semiconductor R262 Datasheet HTML 21Page - ON Semiconductor R262 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
BelaSigna R262
http://onsemi.com
18
Clocking, Channels & Algorithm Configuration
As mentioned in the Boot Control section, BelaSigna
R262 is controlled by hardware configuration. Just like the
BOOT_SEL signal discussed earlier, the CLOCK_SEL,
CHAN_SEL and ALPHA_SEL pins are also sampled by
BelaSigna R262 during its booting process using a
low−speed A/D converters (LSAD). Based on the actual
voltage that the chip reads on these pins, it will automatically
select a particular clock, output stage, channels and
algorithm configuration, as described in Tables 10, 11 and
12.
Table 10. CLOCK CONFIGURATION OPTIONS
Preset
Voltage Level
Clock Frequency
Description
0−2
0.65 − 1.00 V
2.048 MHz
A 2.048 MHz external clock is expected to be present on the EXT_CLK pin of
BelaSigna R262
3
0.50 − 0.63 V
2.4 MHz
A 2.4 MHz external clock is expected to be present on the EXT_CLK pin of
BelaSigna R262
4
0.36 − 0.49 V
2.8 MHz
A 2.8 MHz external clock is expected to be present on the EXT_CLK pin of
BelaSigna R262
5
0.22 − 0.35 V
3.072 MHz
A 3.072 MHz external clock is expected to be present on the EXT_CLK pin of
BelaSigna R262
6
0.08 − 0.21 V
26 MHz
A 26 MHz external clock is expected to be present on the EXT_CLK pin of
BelaSigna R262
7
0 − 0.07 V
Internal Oscillator
BelaSigna R262 runs off its internal system clock. No clock signal must be
present on the EXT_CLK pin. In this mode the sampling frequency can fluctu-
ate slightly from one device to another; see the electrical characteristics for
additional details. The performance of the algorithm itself is fully guaranteed.
Table 11. CHANNEL CONFIGURATION OPTIONS
Preset
Voltage Level
NR Outputs
Channel 0
Channel 1
Output Stage Configuration
0−2
0.65 − 1.00 V
Single
Start of Range
(as per BOOT_SEL)
N/A
Mono,
Differential
3
0.50 − 0.63 V
Dual
Start of Range
(as per BOOT_SEL)
Mixed Output
(as per BOOT_SEL &
ALPHA_SEL)
Stereo,
Single Ended
4
0.36 − 0.49 V
Dual
Mixed Output
(as per BOOT_SEL &
ALPHA_SEL)
End of Range
(as per BOOT_SEL)
Stereo,
Single Ended
5
0.22 − 0.35 V
Single
Mixed Output
(as per BOOT_SEL &
ALPHA_SEL)
N/A
Mono,
Differential
6
0.08 − 0.21 V
Single
Mixed Output
(as per BOOT_SEL &
ALPHA_SEL)
Algorithm Disabled
Stereo,
Single Ended
7
0 − 0.07 V
Single
Algorithm Disabled
Mixed Output
(as per BOOT_SEL &
ALPHA_SEL)
Stereo,
Single Ended
Table 12. MIXER CONFIGURATION OPTIONS
Preset
Voltage Level
Mixing Ratio
0−2
0.65 − 1.00 V
0% (Start of Range)
3
0.50 − 0.63 V
20% (Between Start and End of Range)
4
0.36 − 0.49 V
40% (Between Start and End of Range)
5
0.22 − 0.35 V
60% (Between Start and End of Range)
6
0.08 − 0.21 V
80% (Between Start and End of Range)
7
0 − 0.07 V
100% (End of Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com