Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 25 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button R262 Datasheet HTML 20Page - ON Semiconductor R262 Datasheet HTML 21Page - ON Semiconductor R262 Datasheet HTML 22Page - ON Semiconductor R262 Datasheet HTML 23Page - ON Semiconductor R262 Datasheet HTML 24Page - ON Semiconductor R262 Datasheet HTML 25Page - ON Semiconductor R262 Datasheet HTML 26Page - ON Semiconductor R262 Datasheet HTML 27Page - ON Semiconductor R262 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
BelaSigna R262
http://onsemi.com
25
hardware setup (for custom configuration of the various
hardware units like clocking, input/output stages),
algorithm setup (amplitude management, tuning selection)
and finally the low
*level I2C protocol is also supported.
The I2C interface can also be used to communicate with
a slave I2C EEPROM. Using an I2C EEPROM instead of an
SPI EEPROM provides better flexibility as it avoids
potential conflicts between GPIO/LSAD pins and the SPI
pins. More details on this command interface can be found
in the BelaSigna R262 Communications and Configuration
Guide.
Interfaces Unused by the ROM−based Application
BelaSigna R262 also contains hardware provisions for a
high speed PCM interface, as well as a high speed UART.
These two interfaces are not used by the ROM−based
application, hence cannot be used by default. Custom
applications developed by ON Semiconductor could enable
the use of these interfaces, should this be required.
Long Term Storage Conditions
ON Semiconductor specifies a 24−month maximum
storage time for WLCSP devices in pocket tapes and
conditioned in dry bags, as stated in Table 15 below and
defined in ON Semiconductor’s Finished Goods Packing
and Long Term Storage Procedures.
Table 15. LONG TERM STORAGE CONDITIONS
Storage Condition
Maximum Storage Time
Remarks
Temperature 18−28°C,
Humidity 30−65%RH
24 months after die
singulation/sawing date
Maximum 12 months storage at condition 18−28°C, 30−65%RH. After-
wards storage in vacuum moisture bag with desiccant and humidity card.
Storage in nitrogen cabinet allowed.
Re−Flow Information
The re−flow profile depends on the equipment that is used
for the re−flow and the assembly that is being re−flowed.
Careful design consideration must be taken not to expose the
packages to temperatures above the rated features. The
WLCSP package is tested to perform reliably up to 3x reflow
passes at the maximum reflow peak temperature of 260
°C.
Use Table 16 from the JEDEC Standard 22−A113D and
J−STD−020D as a guideline but note that actual profiles
should be developed by customers based on specific process
needs and board designs.
Table 16. RE−FLOW INFORMATION
Profile Feature
Pb−free Assembly
Preheat & Soak
Temperature minimum (TSMIN)
Temperature maximum (TSMAX)
Time (TSMIN to TSMAC) (TS)
150°C
200°C
60−120 seconds
Average Ramp−Up Rate
(TSMAX to TP)
3°C/second maximum
Liquidous temperature and time
Temperature (TL)
Time (tL)
217°C
60−150 seconds
Peak Temperature (TP)
260 +0/−5°C
Time within 5°C of Actual Peak
Temperature
20−40 seconds
Ramp−Down Rate (TP to TSMAX)
6°C/second maximum
Time 25°C to Peak Temperature
8 minutes maximum
Device Weight
BelaSigna R262 has an average weight of 10.84 mg.
Miscellaneous
Chip Identification
Chip identification information can be retrieved by using
the Communications Accelerator Adaptor (CAA) along
with protocol software provided by ON Semiconductor. For
BelaSigna R262, the key identifier components and values
are as follows:
Chip Family
Chip Version
0x02 (SK2)
0x3021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com