Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 22 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button R262 Datasheet HTML 18Page - ON Semiconductor R262 Datasheet HTML 19Page - ON Semiconductor R262 Datasheet HTML 20Page - ON Semiconductor R262 Datasheet HTML 21Page - ON Semiconductor R262 Datasheet HTML 22Page - ON Semiconductor R262 Datasheet HTML 23Page - ON Semiconductor R262 Datasheet HTML 24Page - ON Semiconductor R262 Datasheet HTML 25Page - ON Semiconductor R262 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
BelaSigna R262
http://onsemi.com
22
more information on the supported DMIC clock
frequencies.
The DMIC output can be configured to carry a mono or
stereo signal. In fact both left and right signals can be
configured to either contain output stage channel 0 or output
stage channel 1. Also, both left and right can be configured
to be muted independently (driving a ‘0’ all the time).
Figure 12 shows the timing of the DMIC output data
relative to the incoming DMIC_CLK signal. See Table 2 for
electrical specifications of the timing parameters.
Figure 12. DMIC Timing Diagram
DMIC_CLK
DMIC_DATA
Left
Data 0
Right
Data 2
DMIC_
HOLD
DMIC_
HOLD
DMIC_
SETUP
DMIC_
SETUP
Right
Data 0
Left
Data 1
Right
Data 1
The application pre−configures the DMIC interface based
on the CHAN_SEL pin; when in a stereo configuration, it
always outputs a stereo signal with Channel 0 as the right
signal, and Channel 1 as the left signal. When in a mono
configuration, both the right and left signals will contain the
data processed on Channel 0, unless the SWAP_CHAN pin
was used to toggle the channels, in which case the DMIC
output would see the Channel 1 output on both left and right
signals.
When the DMIC interface is not required, the analog
outputs can be used for interfacing at line−level or other signal
levels, e.g. microphone levels for an external system such as
an analog baseband chipset which expects low−level
signals.
There are two configurable aspects of the analog output
stage – the selection of stereo (two single−ended outputs) or
mono (one differential output) and the output attenuation.
When a stereo single−ended option is selected, each channel
is filtered to generate an analog signal which is then scaled
by a configurable output attenuator (OA in Figure 12). In
mono differential mode, Channel 1 is replaced by an
inverted version of Channel 0 such that the two output pins
contain a differential signal for Channel 0. In this latter case,
both output attenuators are used, so it is mandatory to ensure
that they have the same attenuation settings. The default
attenuation value is 0 dB for both channels. This can be
configured using I2C commands.
The 26−ball WLCSP package option doesn’t provide
access to A_OUT0. Consequently, only A_OUT1 is available
as an analog output. When using this package, careful design
consideration must be taken to ensure that the desired signal
is available on Channel 1, i.e. on the A_OUT1 pin.
A third output stage option is available on BelaSigna
R262; using the Class−D output driver which can drive an
output transducer without the need for a separate power
amplifier. The output driver can also be configured for single
ended stereo or differential mono through the same I2C
commands as described for the analog outputs. The output
driver is disabled by the default application in ROM.
For optimal audio performance it is important to note that
the VBATRCVR power supply must be connected
differently, depending on whether the output driver or the
analog outputs are being used:
• When using the analog outputs, VBATRCVR must be
connected to VDDA on the application PCB
• When using the output driver, VBATRCVR must be
connected to VBAT on the application PCB and must
be decoupled with an external capacitor
When interfacing BelaSigna R262 with other processors
like codecs or baseband chipsets, it is not recommended to
use the Class−D output driver, but rather the analog outputs.
Clock Generation Circuitry
BelaSigna R262 is equipped with a fully configurable and
flexible clocking system, which allows for many clocking
configurations for various use cases. Computing
applications typically require the use of a DMIC interface,
which imposes constraints on the BelaSigna R262 clocking
system, such as it provides full synchronization between an
incoming DMIC clock and the DMIC data that the chip will
produce. The clock frequencies that these systems usually
operate with are in the range of 2.048 to 3.072 MHz. Mobile
phone applications would typically use much higher clock
frequencies; historically, baseband systems have been using
13 MHz or 26 MHz, or even 19.2 MHz or 38.4 MHz.
To support such a wide variety of clocking scenarios,
BelaSigna R262 has a phase locked loop (PLL) integrated as
one of the components of its clock generation circuitry.
Clock frequencies can be selected using the CLOCK_SEL
pin, as discussed previously. BelaSigna R262 can also
operate on its internal RC oscillator, offering the same



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com