Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 19 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button R262 Datasheet HTML 15Page - ON Semiconductor R262 Datasheet HTML 16Page - ON Semiconductor R262 Datasheet HTML 17Page - ON Semiconductor R262 Datasheet HTML 18Page - ON Semiconductor R262 Datasheet HTML 19Page - ON Semiconductor R262 Datasheet HTML 20Page - ON Semiconductor R262 Datasheet HTML 21Page - ON Semiconductor R262 Datasheet HTML 22Page - ON Semiconductor R262 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
BelaSigna R262
http://onsemi.com
19
The use of a resistive divider as shown in Figure 8 allows
the application to select the appropriate combination of
clock, output stage and algorithm mode. The LSAD is using
a voltage range between 0 and 1 V. The actual voltage levels
that need to be guaranteed by the application circuitry are
also mentioned in Figure 8. The figure proposes actual
resistor values to reach the eight different presets.
Figure 8. Resistive Dividers for LSAD Preset
Selection
LSAD Pin
R2
VREG
R1
Preset
R1
R2
Voltage Range
0−2
10 kW
−
0.65 − 1.00 V
3
75 kW
100 kW
0.50 − 0.63 V
4
100 kW
75 kW
0.36 − 0.49 V
5
100 kW
39 kW
0.22 − 0.35 V
6
100 kW
16 kW
0.08 − 0.21 V
7
−
10 kW
0 − 0.07 V
The configuration is only read by the chip at boot time.
Consequently, if the voltage on any of the four LSAD inputs
changes during operation, it will only have an impact at the
next power cycle.
Channel Swapping
BelaSigna R262 has provisions to swap the two output
channels by using an external GPIO pin (SWAP_CHAN).
The two output channels of BelaSigna R262 can be swapped
whenever the digital signal on this pin transitions to low and
stays low for at least 200 ms, as shown in Figure 9. The actual
channel swapping can occur at any time during the 200 ms
low period of the signal. This control mechanism has built-in
button de-bouncing and will work with either a digital signal
driven high or low by a host controller, or with a control
signal provided by a mechanical button or switch.
Figure 9. SWAP_CHAN Timing Diagram
Channel State
SWAP_CHAN
Normal
Swapped
Normal
200 ms (min)
200 ms (min)
Sleep Control
As described in Table 8, there are two methods to enter and
exit from Sleep mode. Both of these methods are meant to
be used independently, i.e. methods of putting the system
into Sleep mode and waking it up from Sleep mode cannot
be mixed in the same system design.
The first method for Sleep mode control is via the I2C
interface. The Switch_Mode command can be used directly
to switch the system into and out of Sleep mode. If the
Switch_Mode command is used to put the chip into Sleep
mode, only another Switch_Mode command or a reset will
take the system out of Sleep mode. When waking up by I2C
commands, the following I2C operations have to be
performed by the master I2C to ensure proper wake−up:
1. Send a NOP command to wake up the I2C
interface. This command will not be interpreted by
BelaSigna R262, so the master will have to deal
with any I2C errors that result.
2. Send the Get_Status command in a while−type loop,
until a response from BelaSigna R262 is sent, and
that confirms that the application is in Standby Mode.
3. Send a Switch_Mode command to enter the desired
mode (Active or Bypass).
When the NOP command is sent and the chip wakes up,
the master has about one second to complete the above
procedure before the chip goes back to Sleep mode. This
mechanism was put in place to deal with I2C bus traffic that
would wake the chip up unintentionally (i.e. communications
between the master and another slave on the I2C bus).
The second mechanism for entering Sleep mode is
considered a fail safe mechanism to maintain a graceful
system shutdown in the event that the clock source suddenly
disappears. In this circumstance, the chip will enter sleep
mode to ensure proper shutdown. More information on this
can be found in the System Monitoring section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com