Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 14 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button R262 Datasheet HTML 10Page - ON Semiconductor R262 Datasheet HTML 11Page - ON Semiconductor R262 Datasheet HTML 12Page - ON Semiconductor R262 Datasheet HTML 13Page - ON Semiconductor R262 Datasheet HTML 14Page - ON Semiconductor R262 Datasheet HTML 15Page - ON Semiconductor R262 Datasheet HTML 16Page - ON Semiconductor R262 Datasheet HTML 17Page - ON Semiconductor R262 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
BelaSigna R262
http://onsemi.com
14
Table 7. ALGORITHM PERFORMANCE
Parameter
Test Conditions
Value
Unit
CLOSE−TALK MODE (5 cm to 10 cm talking distance)
SNR Improvement (SNR−I)
White noise, 6 dB SNR
30.0
dB
Babble noise, 9 dB SNR
20.6
dB
Pink noise, 12 dB SNR
19.9
dB
PESQ Improvement
White noise, 6 dB SNR
0.8
−
Babble noise, 9 dB SNR
0.3
−
Pink noise, 12 dB SNR
0.4
−
NEAR−TALK MODE (50 cm to 100 cm talking distance)
SNR Improvement (SNR−I)
White noise, 6 dB SNR
19.6
dB
Babble noise, 9 dB SNR
10.6
dB
Pink noise, 12 dB SNR
14.5
dB
PESQ Improvement
White noise, 6 dB SNR
0.5
−
Babble noise, 9 dB SNR
0.4
−
Pink noise, 12 dB SNR
0.4
−
FAR−TALK MODE (2.5 m to 5 m talking distance)
SNR Improvement (SNR−I)
White noise, 6 dB SNR
14.7
dB
Babble noise, 9 dB SNR
6.9
dB
Pink noise, 12 dB SNR
11.1
dB
PESQ Improvement
White noise, 6 dB SNR
0.7
−
Babble noise, 9 dB SNR
0.4
−
Pink noise, 12 dB SNR
0.5
−
Pick−Up Distance
BelaSigna R262 is a fully adaptive system that will
automatically adjust its signal processing algorithm
depending on the input conditions. The three modes
discussed in this document, close−talk, near−talk and
far−talk, all have distinct use cases. Each of these modes will
adjust the distance from the microphone that they effectively
capture speech based on the amount of noise present. As an
example, the close−talk algorithm will allow a pick−up
distance up to 15 cm in very quiet situations, whereas it will
shrink the pick−up distance down to between 5 cm and 10
cm when the noise around the microphone increases.
Close−talk mode is designed to handle high noise situations;
up to 90 dB SPL.
Near−talk mode is tuned to pick up speech within 50 cm
to 100 cm in a quiet environment, and will shrink the
pick−up distance down 20 cm to 30 cm if the noise level
increases. Given the extended pick−up distance, compared
to close−talk mode, voice is effectively captured in noise
situations up to 70 dB SPL with extremely good noise
reduction.
Far−talk mode is designed to handle lower noise levels (up
to 50 dB SPL) with a much larger pick−up distance.
Figures 5, 6 and 7 below show the optimal talking distance
for the three algorithm modes as a function of the input
signal−to−noiseratio. When designing BelaSigna R262 into
a device, it is important to assess the targeted use case of the
product and to consequently select an appropriate algorithm
mode. It is also important to realize that the three modes
discussed here are just examples of what can be obtained
with BelaSigna R262. Adjustment of the talking distance
and the noise reduction aggressiveness are just two of the
performance parameters that can be controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com