Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 17 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button R262 Datasheet HTML 13Page - ON Semiconductor R262 Datasheet HTML 14Page - ON Semiconductor R262 Datasheet HTML 15Page - ON Semiconductor R262 Datasheet HTML 16Page - ON Semiconductor R262 Datasheet HTML 17Page - ON Semiconductor R262 Datasheet HTML 18Page - ON Semiconductor R262 Datasheet HTML 19Page - ON Semiconductor R262 Datasheet HTML 20Page - ON Semiconductor R262 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
BelaSigna R262
http://onsemi.com
17
Boot Control, Hardware Configuration and
Digital Control
At power−on−reset, BelaSigna R262 will normally
execute the application stored in ROM. During the boot
process, BelaSigna R262 will read voltage levels on four
different pins, which will determine the algorithm and
hardware configuration that will be executed. All the
configuration options are described later in this section; the
four pins are CLOCK_SEL, BOOT_SEL, CHAN_SEL and
ALPHA_SEL.
The BOOT_SEL pin controls the booting methods of
BelaSigna R262. The signal on this pin is sampled by
BelaSigna R262 during its booting process using a
low−speed A/D converter (LSAD). Based on the actual
voltage that the chip will read on this pin, it will
automatically select a particular booting configuration, as
described in Table 9.
Table 9. BOOT SELECTION OPTIONS (Note 4)
Preset
Voltage Level
Boot Method
Description
0−2
0.65 − 1.00 V
External Boot Mode
In this mode, BelaSigna R262 will not run the ROM based applica-
tion. It will start looking for an SPI EEPROM to bootload a custom
application from. If unsuccessful, it will look for an I2C EEPROM to
bootload a custom application; and lastly, if neither of the two previ-
ous operations to find an EEPROM are successful, it will enter a
wait loop, allowing a master I2C device to start downloading a cus-
tom application (e.g. a baseband controller).
3
0.50 − 0.63 V
Active Mode
Talking distance selectable from
Near− to Far−Talk
(50 cm to 500 cm)
The noise reduction algorithm is running and can be configured for
talking distances between 50 cm (Near−Talk) and 5 m (Far−Talk)
4
0.36 − 0.49 V
Active Mode
Talking distance selectable from
Close− to Far−Talk
(5 cm to 500 cm)
The noise reduction algorithm is running and can be configured for
talking distances between 5 cm (Close−Talk) and 5 m (Far−Talk)
5
0.22 − 0.35 V
Active Mode
Talking distance selectable from
Close− to Near−Talk
(5 cm to 100 cm)
The noise reduction algorithm is running and can be configured for
talking distances between 5 cm (Close−Talk) and 1 m (Near−Talk)
6
0.08 − 0.21 V
Bypass Diagnostic Mode
1 kHz sine wave play−out
BelaSigna R262 outputs a pure tone on the two output channels.
This sine wave has a frequency of 1 kHz and an output level of
12 dB below full scale.
7
0 − 0.07 V
Bypass Diagnostic Mode
Full stereo passthrough
BelaSigna R262 simply copies the input signals to the outputs.
4. For more details on the various operating modes of BelaSigna R262, please consult the BelaSigna R262 Communications and Configuration
Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com