Electronic Components Datasheet Search
  English  ▼

X  

R262 Datasheet(PDF) 3 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 3 Page - ON Semiconductor

  R262 Datasheet HTML 1Page - ON Semiconductor R262 Datasheet HTML 2Page - ON Semiconductor R262 Datasheet HTML 3Page - ON Semiconductor R262 Datasheet HTML 4Page - ON Semiconductor R262 Datasheet HTML 5Page - ON Semiconductor R262 Datasheet HTML 6Page - ON Semiconductor R262 Datasheet HTML 7Page - ON Semiconductor R262 Datasheet HTML 8Page - ON Semiconductor R262 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
BelaSigna R262
http://onsemi.com
3
Table 2. ELECTRICAL CHARACTERISTICS (continued) (The typical parameters in Table 2 were measured at 20°C with a clean
3.3 V supply voltage (unless noted differently). Parameters marked as screened are tested on each chip. Other parameters are qualified
for all process corners but not tested on every part.)
Parameter
Screened
Unit
Max
Typ
Min
Test Conditions / Notes
Symbol
VMIC
Output voltage
VMIC = VREG
0.95
1.00
1.05
V
l
VMIC = VDDA
1.8
2.0
2.1
V
l
Load Regulation
VMIC = VREG
25
40
mV/mA
VMIC = VDDA
100
150
mV/mA
POWER ON RESET
POR Threshold
POR Release
(VBAT going up)
1.52
1.60
1.71
V
l
POR Activation
(VBAT going down)
1.52
1.60
1.65
V
l
Boot Time
NRST to DMIC active using
LSAD boot method
16.3
ms
NRST to DMIC active using
SPI EEPROM boot method
(Default custom application)
90
ms
NRST to DMIC active using
I2C EEPROM boot method
(Default custom application)
135
ms
INPUT STAGE
Sampling frequency
Fs
Defined by ROM−based
application. (Note 2)
21.333
kHz
Analog input voltage
Vin
No preamp gain on AI1
and AI3
0
2
Vpp
Vin
24 dB preamp gain by default
on MIC0 and MIC2
0
125
mVpp
Preamplifier gain tolerance
1 kHz
−2
2
dB
Input impedance
Rin
0 dB preamplifier gain
250
kW
All other gain settings
510
585
kW
l
Input offset voltage
0 dB preamp gain
7
mV
All other gains
3
mV
Channel cross coupling
Any 2 channels
−84
−60
dB
Analog Filter cut−off frequency
LPF enabled (default)
10
20
30
kHz
LPF disabled
50
kHz
Analog Filter passband flatness
−1
1
dB
Analog filter stopband
attenuation
60
dB
Digital Filter cut−off frequency
Fs/2
kHz
Digital Filter cut−off stopband
attenuation
80
dB
Total Harmonic Distortion +
Noise (Peak value)
THDN
24 dB preamplifier gain
VBAT = 3.3 V
−67
−70
dB
Dynamic Range
DR
24 dB preamplifier gain
VBAT = 3.3 V
81
82.5
dB
Equivalent Input Noise
EIN
24 dB preamplifier gain
VBAT = 3.3 V
3.7
mV
2. Processed bandwidth limited to 8 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com