Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 103 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 103 Page - ITT Industries

Back Button 22017 Datasheet HTML 99Page - ITT Industries 22017 Datasheet HTML 100Page - ITT Industries 22017 Datasheet HTML 101Page - ITT Industries 22017 Datasheet HTML 102Page - ITT Industries 22017 Datasheet HTML 103Page - ITT Industries 22017 Datasheet HTML 104Page - ITT Industries 22017 Datasheet HTML 105Page - ITT Industries 22017 Datasheet HTML 106Page - ITT Industries 22017 Datasheet HTML 107Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 120 page
background image
Coaxial Contact Assembly (DPGM/DPJM)
Cable Stripping
AB
C
50 Ohm Contact (RG-196U)
(assembly steps 1,
2, 3, 4, 5 & 8)
75 Ohm Contact (RG-187U)
(assembly steps 1,
2, 3, 5 & 8)
95 Ohm Contact (RG-195U)
(assembly steps 1,
3, 6, 7 & 8)
BUSHING
BUSHING
SHIM
CRIMP RING
CRIMP RING
JACKET
DIELECTRIC
1 . After the coaxial cable has been stripped to the
proper dimensions, tin the center conductor. If
O.D. of cable is less than .096 (2.44), slip
rubber bushing over wire. (50, 75 & 95 ohm)
2. Assemble crimp ring under braid and add bush-
ing to cable. (50 & 75 ohm)
3. The center contact is supplied loose in the
polyethylene bag. Insert the tinned conductor
into the contact. Wire must be visible through
inspection hole and dielectric pushed against
contact shoulder. For 150 ohm contact shoulder
must be flush against bushing. Heat contact
with a clean soldering iron. Avoid solder outside
contact, (50, 75, & 95 ohm)
4. Wrap shim around braid. (50 ohm)
7. Slip crimp over the braid. (95 ohm)
8. Crimp - crimp tool must be located 1/16
(1.58) to 5 / 64 (1.98) from shoulder of coaxial.
(50, 75 & 95 ohms)
5. Feed cable and assembled parts into coaxial
shell. Care is required if braid is to fit smoothly
inside the shell. (50 & 75 ohm)
6. Thread crimp ring over cable. Feed center con-
tact into coaxial shell with the shell between the
dielectric and the braid. (95 ohm)
CRIMP RING
BRAID
BUSHING
CENTER CONDUCTOR
INSPECTION HOLE
CENTER CONDUCTOR
CENTER CONTACT
DIELECTRICAPPLY CLEAN SOLDERING IRON
SHIM
CENTER CONTACT
SEALING GROMMET LOACATION
.125 (3.18) MIN. PLUG
.063 (1.59) MIN. RECPT
.063 (1.59)
.078 (1.98)
EDGE OF
CRIMP TOOL
JACKET
BRAID
CRIMP RING
SHELL
CRIMP RING
.035 DIA
(0.89)
D E F
Cable Trim Dimensions
A
150 ohm
95 ohm
75 ohm
50 ohm
3/16 (4.76)
3/16 (4.76)
3/16 (4.76)
1/4 (6.35)
1/16 (1.59)
1/8 (3.18)
1/8 (3.18)
1/8 (3.18)
5/32 (3.97)
5/64 (1.98)
5/64 (1.98)
5/64 (1.98)
.154 (3.91)
.106 (2.69)
.122 (3.10)
.106 (2.69)
.183 (4.65)
.139 (3.53)
.158 (4.01)
.136 (3.53)
.202 (5.13)
.153 (3.89)
B
CD
min. dia.
E
max. dia.
F
min. dia.
Cable Entry Dimensions
DPGM/DPJM/DPJMB
Assembly Procedures
103
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Assembly Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com