Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 104 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 104 Page - ITT Industries

Back Button 22017 Datasheet HTML 100Page - ITT Industries 22017 Datasheet HTML 101Page - ITT Industries 22017 Datasheet HTML 102Page - ITT Industries 22017 Datasheet HTML 103Page - ITT Industries 22017 Datasheet HTML 104Page - ITT Industries 22017 Datasheet HTML 105Page - ITT Industries 22017 Datasheet HTML 106Page - ITT Industries 22017 Datasheet HTML 107Page - ITT Industries 22017 Datasheet HTML 108Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 120 page
background image
33 and 34 Shell Styles
C
A
D
B
A
DPGM-33
1.609(40.87)
1.599(40.61)
1.636(41.55)
1.626(41.30)
.985(25.02)
.975(24.76)
1.011(25.68)
1.001(25.42)
.214(5.44)
.204(5.18)
.227(5.76)
.217(5.51)
.203(5.16)
.193(4.90)
.190(4.83)
.180(4.57)
{
{
.500(12.70)
.625(15.88)
.500(12.70)
.625(15.88)
6-32 NC-2 THD
SELF-LOCKING NUT
6-32 NC-2 THD
SELF-LOCKING NUT
6-32 NC-2 THD
SELF-LOCKING NUT
PLAIN HOLE
FLOAT MOUNTING
PANEL
PANEL
A-2
A
A
B
SHORTENED
B
PLAIN HOLE
IN FLANGE
DPG-34
B
C
D
Gap Between
Flanges after mating
.565 (14.35)
.559 (14.45)
2.004 (50.90)
1.996 (50.70)
.166 (4.22) R. TYP.
.146 (3.71)
.3.480 (88.39)*
3.470 (88.14)
.262 (6.85)
.252 (6.40)
.565 (14.35)
.559 (14.45)
*These dimensions allow for float mounting.
PANEL THICKNESS: Maximum sum of both panel thicknesses is 7/16 of an inch when 33 plug and 34
receptacle are back mounted. Shell style 33 modifications A and -2 can be back mounted ONLY. Shell
style 33 modifications B and shell style 34 modifications B and H may be front or back mounted
Consult factory for additional information.
3.879 (98.53)
3.871 (98.32)
.166 (4.22) R. TYP.
.146 (3.71)
.217 (5.51)
.207 (5.26)
1.105 (28.07)*
1.095 (27.81)
.143 (3.63) DIA. TYP
.141 (3.58)
.143 (3.63) DIA. TYP.
.141 (3.58)
33 Shell
34 Shell
DPGM
DPJM
DPJMB
Slip junction shell over grommet and secure with
four screws and lock washers.
DPGM/DPJM/DPJMB
Junction Shell, Assembly of
104
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Panel Cutouts
Mounting Variations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com