Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 106 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 106 Page - ITT Industries

Back Button 22017 Datasheet HTML 102Page - ITT Industries 22017 Datasheet HTML 103Page - ITT Industries 22017 Datasheet HTML 104Page - ITT Industries 22017 Datasheet HTML 105Page - ITT Industries 22017 Datasheet HTML 106Page - ITT Industries 22017 Datasheet HTML 107Page - ITT Industries 22017 Datasheet HTML 108Page - ITT Industries 22017 Datasheet HTML 109Page - ITT Industries 22017 Datasheet HTML 110Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 120 page
background image
SERIES PREFIX
SERIES PREFIX
DPD - ITT Prefix
Blank - Solder contacts
MA - Crimp type contacts in LITTLE CAESAR
contact assembly
See page 106 (solder termination). Page 111
(crimp termination)
33 for plug. 34 for receptacle
P - Pin
S - Socket
1A - .144 (3.66) dia., for #6 flathead screw
1B - .144 (3.66) dia., 100˚ countersunk for #6
flathead screw
1G - .152 (3.86) dia., 82˚C countersunk for #6
flathead screw
1L - .144 (3.66) dia., 82˚ countersunk for #6
flathead screw
N,V,W,X,Y,Z (See page 116)
DPD
DPD
DPD
56
70
156
34
33
34
P
S
P
M
M
M
1A
1B
F0
(POS.X)
-
-
-
-
-
-
-
--
MA
DPD
DPD
B28
-32C2
34
33
P
S
1G
1A
F0
(POS.Y)
-
-
-
-
-
MA
N,V,W,X,Y,Z (See page 116)
CLASS
CLASS
CONTACT ARRANGEMENTS
CONTACT ARRANGEMENTS
SHELL TYPE
SHELL TYPE
CONTACT TYPE
CONTACT TYPE
MOUNTING HOLE VARIATION**
MOUNTING HOLE VARIATION
POLARIZING POSITION
SERIES PREFIX
SERIES PREFIX
DPD - ITT Prefix
2 - Two-gang shell
P - Pin
S - Socket
For devices available, see pages 114-115
1A - .144 (3.66) dia., for #6 cap screw
1B - .144 (3.66) dia., 100˚ countersunk for #6
flathead screw
1G - .152 (3.86) dia., 82˚C conutersunk for #6
flathead screw
Blank - Solder contacts
MA - Crimp type contacts in LITTLE CAESAR
contact assembly
See page 110 (solder termination), page 1110
(crimp termination)
33 for plug, 34 for receptacle
66) dia. mounting hole 82˚ countersunk for #6 flathead screw.
TWO GANG SHELL
TWO-GANG SHELL
CLASS
CLASS
CONTACT ARRANGEMENT
CONTACT ARRANGEMENTS
SHELL TYPE
SHELL TYPE
CONTACT TYPE
CONTACT TYPE
ENGAGING DEVICE
ENGAGING DEVICE
MOUNTING HOLE VARIATION**
MOUNTING HOLE VARIATION**
POLARIZING POSITION
POLARIZING POSTION
LESS CONTACTS*
POLARIZING POSTION
LESS CONTACTS*
RoHS
R
RoHS
2
2
2
R
R - RoHS compatible
RoHS version
DPD/DPDMA
How to Order
106
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com