Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 105 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 105 Page - ITT Industries

Back Button 22017 Datasheet HTML 101Page - ITT Industries 22017 Datasheet HTML 102Page - ITT Industries 22017 Datasheet HTML 103Page - ITT Industries 22017 Datasheet HTML 104Page - ITT Industries 22017 Datasheet HTML 105Page - ITT Industries 22017 Datasheet HTML 106Page - ITT Industries 22017 Datasheet HTML 107Page - ITT Industries 22017 Datasheet HTML 108Page - ITT Industries 22017 Datasheet HTML 109Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 120 page
background image
Cannon's DPD Rack and Panel connectors are dis-
tinguished from other connector lines by their
rectanguiar shape which provides maximum space
utilization an rack or chassis mounted equipment.
The DPD is used in any commercial application
where moisture/ environmental resistance is not
required, such as I/0 connector or computer pan-
els, GFE test equipment, and GSE ground support
equipment. For example, one-half of a connector
assembly is mounted on a radio rack, or panel, and
the mating connector is attached to a cable that
DPD - Standard Rack and Panel Connector
Series
DPD connectors are the original rectangular rack
and panel connectors with solder type contact
termination, accommodating a wide range of con-
tact arrangements and a variety of endbells and
junction shells.
DPDMA - LITTLE CAESAR® Contact Assembly
DPDMA connectors are DPD's with the LITTLE
CAESAR contact assembly for rear insertion, re-
lease and extraction of crimp type contacts. Con-
tacts are inserted by hand, and extraction is ac-
compfished with the use of an expendable plastic
tool. Hard dielectric, closed-entry socket inserts
have lead-in chamfers for positive mating of pin
contacts during engagement. Both the DPD and
DPDMA
connectors
are
intermateable.
DPD2 - Two Gang Version of DPD
DPD2 connectors are two-gang versions of the DPD
solder type connectors designed to handle double
the circuitry in instrument panel disconnect applica-
tions. The DPD2 is identical in shell style and
materials to the DPD, but features a center coupling
screw for positive engagement. Various coupling
devices are shown on pages 114-115. The DPD2
may also be ordered without the engaging device by
omitting the letter code "M" as shown in the
ordering nomenclature. Two optional polarizing
posts give up to six alternate insert positions (page
112).
DPD2MA - LITTLE CAESAR® Contact Assembly
DPD2MA connectors are DPD2 connectors with the
LITTLE CAESAR contact assembly for rear insertion,
release and extraction of crimp type contacts.
Contact insertion is by hand and extraction is by an
expendable plastic tool. Hard dielectric, closed-
entry socket inserts have lead-in chamfers for
positive mating of pin contacts during engagement.
DPD2 and DPD2MA connectors are intermateable.
connects to another instrument or rack. The DPO
has a temperature range of -55˚C to +125˚C
(-67˚F to +257˚F).
In addition to standard DPD connectors with solder
contacts, the DPDMA version has rear insertion, rear
release crimp, snap-in contacts that feature the LITTLE
CAESAR®, rear. release contact retention assembly
•Rectangular Rack/Panel Connectors
•Non-Environemental Single and Two-Gang
Configurations
DPD-33/DPDMA-33
Plug
DPD2-33/DPD2MA-33
Plug
DPD-34/DPDMA-34
Receptacle
DPD2-34/DPD2MA-34
Receptacle
MATERIALS AND FINISHES
VOLTAGE/CURRENT DATA
Insert Voltages/Test Results
Wire Size
Amperage
Contact
Clearance
Contact
Clearance
Test Voltage
60 cps (ac rms)
Test Voltage
60 cps (ac rms)
#4
100
Ambient Temperature
Relative Humidy
Barometric Pressure
23˚C to 27˚C (73˚F to 80.6˚F)
69% to 73%
29.70 (754.38) to 29.75 (755.65)
#6
80
#8
60
#10
35
#14
25
#16
20
#20
7.5
1/64 (0,40)
1/32 (0.79)
3/64(1.19)
1/16 (0.59)
5/64 (1.98)
3/32 (2.38)
7/64 (2.78)
1/8 (3.18)
9/64 (3.57)
5/32 (3.97)
11/64 (4.37)
540 Volts
1000 Volts
1300 Volts
1700 Volts
2050 Volts
2350 Volts
2600 Volts
2900 Volts
3050 Volts
3250 Volts
3450 Volts
3/16 (4.76)
13/64 (5.16)
7/32 (5.56)
15/64 (5.95)
1/4 (6.35)
19/64 (7.54)
5/16 (7.94)
3/8 (9.52)
25/64 (9.92)
13/32 110.32)
7/16 (11.11)
1/2 (12.70)
3650 Volts
3850 Volts
4050 Volts
4240 Volts
4420 Volts
4940 Volts
5100 Volts
5750 Volts
5890 Volts
6020 Volts
6300 Volts
6800 Volts
There was no evidence of breakdown when the test
voltages given were applied, for a period of one
minute, between the contacts and between the
shell and the contacts with spacings as noted.
*Size 20 contacts have gold plate finish. All other sizes have silver plate finish. Tin alloy may be substituted for silver.
Shell/Polarization Hardware
DPD/DPD2
Aluminum alloy
Natural cadmium plate
Melamine or fabricated phenolic
Copper alloy
Silver or gold plate*
Solder pot
DPDMA/DPD2MA
Aluminum alloy
Natural cadmium plate
Diallyl phthalate
Copper alloy
Silver or gold plate*
Crimp
DPD/DPDMA Specifications
QQ-A-591/A380
QQ-P-416
MIL-M-14
QQ-C-533
QQ-C-365 MIL-G-45204
N/A
Material
Finish
Material
Material
Finish
Termination
Insulator
Contacts
Current Carrying Capacity of Wire and Cables
Laboratory Conditions
used in many other ITT product lines.
DPD/DPDMA
Performance and Material Specifications
105
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com