Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 45 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD6426 Datasheet HTML 41Page - Analog Devices AD6426 Datasheet HTML 42Page - Analog Devices AD6426 Datasheet HTML 43Page - Analog Devices AD6426 Datasheet HTML 44Page - Analog Devices AD6426 Datasheet HTML 45Page - Analog Devices AD6426 Datasheet HTML 46Page - Analog Devices AD6426 Datasheet HTML 47Page - Analog Devices AD6426 Datasheet HTML 48Page - Analog Devices AD6426 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 45 -
Confidential Information
PBGA Pin Locations
#
Pin Name
#
Pin Name
#
Pin Name
#
Pin Name
A1
USCR1
D1
ADD16
G1
BOOTCODE
K1
GND
A2
IRQ6
D2
ADD17
G2
ADD7
K2
ROMCS
A3
KEYPADROW0
D3
USCCTS
G3
ADD9
K3
DATA10
A4
KEYPADROW4
D4
GPIO8
G4
ADD4
K4
DATA9
A5
KEYPADCOL1
D5
VDD
G5
ADD1
K5
VDD
A6
GPCS
D6
GND
G6
ADD11
K6
DATA6
A7
VDD
D7
BACKLIGHT
G7
DATA3
K7
GND
A8
VDD
D8
GPIO5
G8
ASDI
K8
VDD
A9
CLKIN
D9
SYNTHCLK
G9
BSOFS
K9
SIMRESET
A10 GND
D10
PWRON
G10
VBCRESET
K10
EEPROMEN
A11 TXPA
D11
OSCOUT
G11
BSDI
K11
EEPROMDATA
A12 AGCB
D12
VDD
G12
BSIFS
K12
GND
B1
USCRX
E1
ADD13
H1
ADD6
L1
DATA15
B2
GPIO9
E2
ADD12
H2
ADD3
L2
DATA13
B3
RESET
E3
ADD18
H3
ADD5
L3
DATA8
B4
KEYPADROW1
E4
ADD15
H4
VDD
L4
UBS
B5
KEYPADROW5
E5
ADD19
H5
GND
L5
DATA4
B6
KEYPADCOL2
E6
KEYPADROW3
H6
FLASHPWD
L6
DATA0
B7
GND
E7
KEYPADCOL3
H7
SIMPROG
L7
WR
B8
GPIO3
E8
LCDCTL
H8
VDD
L8
GPIO0
B9
GPIO7
E9
SYNTHEN1
H9
VSCLK
L9
SIMDATAIP
B10 TXENABLE
E10
TXPHASE
H10
VSDO
L10
SIMCARD
B11 AGCA
E11
GND
H11
CLKOUT
L11
TDO
B12 SYNTHDATA
E12
ASDO
H12
RXON
L12
JTAGEN
C1
GPIO10
F1
VDD
J1
ADD2
M1
DATA12
C2
USCRTS
F2
ADD10
J2
RAMCS
M2
DATA11
C3
USCTX
F3
ADD14
J3
ADD0
M3
RD
C4
KEYPADROW2
F4
GND
J4
DATA14
M4
LWR
C5
KEYPADCOL0
F5
ADD8
J5
DATA7
M5
DATA5
C6
OSC13MON
F6
DISPLAYCS
J6
DATA2
M6
DATA1
C7
GPIO4
F7
BSDO
J7
GPIO1
M7
VDD
C8
GPIO6
F8
VDDRTC
J8
SIMCLK
M8
GND
C9
RADIOPWRCTL
F9
GPIO2
J9
TMS
M9
SIMSUPPLY
C10 CALIBRATERADIO
F10
BSCLK
J10
EEPROMCLK
M10
SIMDATAOP
C11 SYNTHEN0
F11
ASOFS
J11
VSFS
M11
TCK
C12 OSCIN
F12
ASCLK
J12
VSDI
M12
TDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com