Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 33 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6426 Datasheet HTML 29Page - Analog Devices AD6426 Datasheet HTML 30Page - Analog Devices AD6426 Datasheet HTML 31Page - Analog Devices AD6426 Datasheet HTML 32Page - Analog Devices AD6426 Datasheet HTML 33Page - Analog Devices AD6426 Datasheet HTML 34Page - Analog Devices AD6426 Datasheet HTML 35Page - Analog Devices AD6426 Datasheet HTML 36Page - Analog Devices AD6426 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 33 -
Confidential Information
TIMING CHARACTERISTICS
Clocks
Parameter
Comment
Min
Typ
Max
Units
t1
CLKIN Period (see Figure 13)
76.9
ns
t2
CLKIN Width Low
30
45
ns
t3
CLKIN Width High
30
45
ns
t4
CLKOUT Period (see Figure 14)
76.9
ns
t5
CLKOUT Width Low
30
45
ns
t6
CLKOUT Width High
30
45
ns
To Ouput
Pin
CL
50pF
+2.1V
100
µA
I
OL
100
µA
I
OH
Figure 12. Load Circuit for Timing Specifications
t
2
t
3
t
1
CLKIN
Figure 13. Clock Input
t5
t6
t4
CLKOUT
Figure 14. Clock Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com