Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 25 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6426 Datasheet HTML 21Page - Analog Devices AD6426 Datasheet HTML 22Page - Analog Devices AD6426 Datasheet HTML 23Page - Analog Devices AD6426 Datasheet HTML 24Page - Analog Devices AD6426 Datasheet HTML 25Page - Analog Devices AD6426 Datasheet HTML 26Page - Analog Devices AD6426 Datasheet HTML 27Page - Analog Devices AD6426 Datasheet HTML 28Page - Analog Devices AD6426 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 25 -
Confidential Information
The two dynamic synthesizers are programmable as follows,
while each synthesizer may be independently disabled,
through the two Disable Synthesizer flags in the
SYNTHESIZER PROGRAM CC Control Register 72.
Bit
SYNTHESIZER PROGRAM CC Control Register
72
5
Disable Synthesizer 1
4
Disable Synthesizer 0
3
Synthesizer Enable Select
2
Synthesizer Mode
1 : 0
Pin Mode (1:0)
SYNTHEN0 : 1
The AD6426 provides enable signals for two independent
synthesizers. These signals are available at the output pins
SYNTHEN0 and SYNTHEN1. The polarities of these signals
are individually programmable; i.e. bit 7 of CC Control
Register 38 is applied to the synthesizer selected by either bit
2 or bit 1 of the same register.
SYNTHDATA and SYNTHCLK
Three Modes can be selected to support different radio
architectures. The selection of the Pin-Mode is done by the
two Pin Mode flags in the SYNTHESIZER PROGRAM CC
Control Register 72 as shown in Table 14.
Table 14. Pin Mode
Bit 1
Bit 0
Mode
0
0
Mode 1 (default)
0
1
Mode 1
1
0
Mode 2
1
1
Mode 3
The default is Mode 1, which supports TTP/Hitachi Bright
and Philips radio architectures. Mode 2 also supports a Philips
architecture, while Mode 3 supports a Siemens architecture. In
Mode 1, the pins SYNTHDATA and SYNTHCLK have their
original functionality; i.e. SYNTHDATA is the data output
and SYNTHCLK is the clock output of the serial synthesizer
interface. Clock polarity and frequency are programmed in the
SYNTH CONTROL CC Control Register 38.
Table 15. Pin Function in Mode 1
AD6426 Pin
Function
SYNTHDATA
Synthesizer Data
SYNTHCLK
Synthesizer Clock
Bit
SYNTH CONTROL CC Control Register 38
5
Synthesizer Clock Polarity
Selects the edge, on which synthesizer data and
enable will be clocked out. Negative edge, when set
to 0; positive edge, when set to 1.
0
Synthesizer Clock;
selects the frequency of SYNTHCLK output.
SYNTHCLK = 1.625 MHz if set to 0 (default),
SYNTHCLK = 6.5 MHz if set to 1.
In Modes 2 and 3, the outputs of these two pins are
multiplexed with flags of the internal DSP as indicated in
Table 16. The function of DSPFLAG1 ô Synthesizer Data is
defined as: The output is that of DSPFLAG1 except when the
synthesizer interface is active. In this case the synthesizer
output has priority. The same applies to DSPFLAG2 ô
Synthesizer Clock.
Table 16. Pin Function in Modes 2 and 3
AD6426 Pin
Function
SYNTHDATA
DSPFLAG1 ô Synthesizer Data
SYNTHCLK
DSPFLAG2 ô Synthesizer Clock
AGC Control
AGC programming is achieved in one of three ways:
The first is a gain select approach, whereby the DSPFLAG0
and DSPFLAG1 are used as a 2-bit gain selector (AGCA,
AGCB). This is available in Mode 1 and the flags are under
direct control of the internal DSP and are timing independent
of the synthesizer interface.
Table 17. Pin Function in Mode 1
AD6426 Pin
Function
AGCA
DSPFLAG0
AGCB
DSPFLAG1
The second is through the DSP combined with the serial
synthesizer interface, as defined in Mode 2. The function of
DSPFLAG0 ô SYNTHEN1 is defined as: The output is that of
DSPFLAG0 except when the synthesizer interface is active.
To support the Philips chipset whereby the AGC and the PLL
are programmed over the same enable line, the AGCA pin is
multiplexed to provide a SYNTHEN1 gated with DSPFLAG0.
This pin would be wired instead of the SYNTHEN1 pin. Since
the DSP would program the AGC during RXON, and the
synthesizers are reprogrammed following the end of the active
phase, no conflict can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com