Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 35 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6426 Datasheet HTML 31Page - Analog Devices AD6426 Datasheet HTML 32Page - Analog Devices AD6426 Datasheet HTML 33Page - Analog Devices AD6426 Datasheet HTML 34Page - Analog Devices AD6426 Datasheet HTML 35Page - Analog Devices AD6426 Datasheet HTML 36Page - Analog Devices AD6426 Datasheet HTML 37Page - Analog Devices AD6426 Datasheet HTML 38Page - Analog Devices AD6426 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 35 -
Confidential Information
TIMING CHARACTERISTICS
Radio Interface
Parameter
Comment ( see Figure 16 )
Min
Max
Units
t40
Synthesizer clock period
152
615
ns
t41
Synthesizer clock high
76
307
ns
t42a
Synthesizer data setup
60
85
ns
t42b
Synthesizer data hold
60
85
ns
t43a
Synthesizer enable delay for Type 0
60
85
ns
t43b
Synthesizer enable delay for Type 1
-15
10
ns
t44
Synthesizer enable width for Type 1
50
90
ns
SYNTHCLK
SYNTHDATA
SYNTHEN[0:1]
TYPE 0
0
1
2
n-2
n-1
n
t
40
t
41
t
42a
t
43a
t
42b
SYNTHCLK
SYNTHDATA
SYNTHEN[0:1]
TYPE 1
0
1
2
n-2
n-1
n
t
44
t
43b
t
42b
t
42a
t
40
t
41
Figure 16. Synthesizer Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com