Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6426 Datasheet HTML 15Page - Analog Devices AD6426 Datasheet HTML 16Page - Analog Devices AD6426 Datasheet HTML 17Page - Analog Devices AD6426 Datasheet HTML 18Page - Analog Devices AD6426 Datasheet HTML 19Page - Analog Devices AD6426 Datasheet HTML 20Page - Analog Devices AD6426 Datasheet HTML 21Page - Analog Devices AD6426 Datasheet HTML 22Page - Analog Devices AD6426 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 19 -
Confidential Information
Keypad / Backlight / Display Interface
This interface combines all functions of display and keyboard
as shown in Table 10.
Table 10. Keypad / Backlight / Display Interface
Name
I/O
Function
KEYPADROW5 : 0
I
Keypad row inputs
KEYPADCOL3 : 0
O
Keypad column strobes
BACKLIGHT
O
Backlight control
DISPLAYCS
O
Display Controller chip
select
LCDCTL
O
LCD Control / Serial Display
Data Output
GPIO3
O
Serial Display Data Output
GPIO4
O
Serial Display Clock Output
By providing 4 keypad-column outputs (open drain, pull low)
and 6 keypad-row inputs the AD6426 can monitor up to 24
keys. Additionally, an extra column can be implemented by
using the “ghost column” method for a total of 30 keys. The
H8 processor is interrupted whenever a key is pressed. The
KEYPADCOL pins are connected to the Keypad Column3-0
flags in the KEYPAD COLUMN CC Control Register 9.
Bit
KEYPAD COLUMN CC Control Register 9
3 : 0
Keypad Column 3-0
The six KEYPADROW pins are connected to the Keypad Row
5-0 flags in the KEYPADROW CC Control Register 10.
Bit
KEYPADROW CC Control Register 10
5 : 0
Keypad Row 5-0
One backlight control output (BACKLIGHT) is provided,
which can be modulated to provide the same perceived
brightness for a reduced average current. Switching frequency
as well as duty cycle can be modified to compensate for
ambient lighting levels and changing battery voltage.
The BACKLIGHT output is activated by setting the
Backlight1 flag in the SYSTEM CC Control Register 0.
Bit
SYSTEM CC Control Register 0
5
Backlight 1
Once activated, an internal PWM circuit can control the
frequency and the duty cycle of the output signal. The PWM
circuit is enabled by the Modulate1 flag in the BACKLIGHT
CC Control Register 50. To switch the backlight continuously
on, enable the Backlight 1 flag and disable the Modulate 1
flag.
Bit
BACKLIGHT CC Control Register 50
2
Modulate 1
1: 0
Backlight LED Control (1:0)
The frequency is determined by the flags Backlight LED
Control (1:0) in the same register as shown in Table 11.
Table 11. Backlight Frequency
Bit 1
Bit 0
Frequency
0
0
6.3475 kHz
0
1
12.695 kHz
1
0
25.390 kHz
1
1
50.780 kHz
Duty cycle can be selected between 0 and 124/128 in 32 steps
of 4/128 by programming the Backlight Duty Cycle (4:0) flags
in the POWER CONTROL INTERNAL CC Control Register
44.
Bit
POWER CONTROL INTERNAL CC Control
Register 44
7 : 3
Backlight Duty Cycle (4:0)
The active period is determined according to the formula:
Active (high) Period =
Backlight Duty Cycle (4:0) × 4
128
The 6426 offers both parallel and serial interfaces for
connecting to LCD display controllers.
The parallel interface to a LCD controller is provided by two
dedicated control signals (LCDCTL and DISPLAYCS) and
parts of the address and data bus. A typical interface is shown
in Figure 5.
LCD
Controller
AD6426
DATA (15:8)
HWR
LCDCTL
ADD(0)
DISPLAYCS
DATA (7:0)
R/W
E
RS
CS
Figure 5. Parallel Display Interface
The on-chip control circuit automatically generates wait states
for interfacing to external display devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com