Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 23 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6426 Datasheet HTML 19Page - Analog Devices AD6426 Datasheet HTML 20Page - Analog Devices AD6426 Datasheet HTML 21Page - Analog Devices AD6426 Datasheet HTML 22Page - Analog Devices AD6426 Datasheet HTML 23Page - Analog Devices AD6426 Datasheet HTML 24Page - Analog Devices AD6426 Datasheet HTML 25Page - Analog Devices AD6426 Datasheet HTML 26Page - Analog Devices AD6426 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 23 -
Confidential Information
GPIO6 - VBIAS
This general purpose I/O pin can be used to control the
powering up/down of a separate voltage converter, which may
be needed to provide the supply voltage for GaAs RF Power
Amplifiers. Significant turn-on time of the voltage converter
requires an early power-up signal, which is provided by
GPIO6. This control is achieved entirely through a software
driver, without hardware support. Since this function is not
needed for all radio solutions, the GPIO pin can be used for
other functions if not required.
GPIO7 - ANTENNASELECT
This general purpose I/O pin can be used to switch between
two different antennas, as required, when the mobile radio is
used in conjunction with a car-kit with external antenna. This
control is achieved entirely through a software driver, without
hardware support. Since this function is not needed for all
radio solutions, the GPIO pin can be used for other functions if
not required.
Tx Timing Control
The following 5 radio interface pins serve different functions
depending on the radio architecture:
TXPHASE
The purpose of this signal is to switch PLLs between Rx and
Tx modes. The signal is generated under control of the flags
TXPHASE Enable and TXPHASE Polarity of the RADIO
CONTROL CC Control Register 2.
Bit
RADIO CONTROL CC Control Register 2
6
TXPHASE Polarity
Controls the polarity of the output TXPHASE.
When set to 1, TXPHASE is active low;
When set to 0, TXPHASE is active high.
3
TXPHASE Enable
Enables the output pin TXPHASE if set to 1.
0
Transmit Enable
Enables the output pin TXENABLE if set to 1.
In radios based on the TTP/Hitachi solution, this signal can be
used to switch the VCO´s.
In radios based on the Siemens or Philips solution, this signal
can be used for control switching PLLs, or band switching
UHF PLLs.
TXENABLE
This signal enables the RF modulator and transmit chain
including the PA, and controls the TXON-pin of the AD6425.
The signal is generated under control of flag Transmit Enable
of the RADIO CONTROL CC Control Register 2.
TXPA
This signal is used as a power amplifier (PA) enable and/or as
a control signal for the PA control loop. This allows the PA to
be isolated from the supply outside the Tx-slot to save current.
In the PA control loop it can be used to control the dynamics
of the loop. The flag Tx Pa Polarity in the TRAFFIC MODE
CC Control Register 6, provides independent control for the
TXPA signal.
Bit
TRAFFIC MODE CC Control Register 6
7
Tx Pa Polarity;
active high, when reset
TXPA is derived from the leading edge of TXENABLE signal
shown in Figure 7.
TXENABLE
TXPA
TD
T
W
Figure 7. Timing of TXPA
The parameter TD is a programmable delay (0 to 1023 QBIT) to
accommodate the EVBC settling time. TD is therefore a 10 bit
value, accessed via the TXPA OFFSET 1 CC Control Register
73 and the TXPA OFFSET 2 CC Control Register 74.
Bit
TXPA OFFSET 1 CC Control Register 73
1 : 0
TD (9:8)
Bit
TXPA OFFSET 2 CC Control Register 74
7 : 0
TD (7:0)
The parameter TW is a programmable width (0 to 1023 QBIT)
which defines the PA enable time. TW is therefore a 10 bit
value, accessed via the TXPA WIDTH 1 CC Control Register
75 and the TXPA WIDTH 2 CC Control Register 76.
Bit
TXPA WIDTH 1 CC Control Register 75
1 : 0
TW (9:8)
Bit
TXPA WIDTH 2 CC Control Register 76
7 : 0
TW (7:0)
If TW is set to zero, then TXPA will be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com