Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 17 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6426 Datasheet HTML 13Page - Analog Devices AD6426 Datasheet HTML 14Page - Analog Devices AD6426 Datasheet HTML 15Page - Analog Devices AD6426 Datasheet HTML 16Page - Analog Devices AD6426 Datasheet HTML 17Page - Analog Devices AD6426 Datasheet HTML 18Page - Analog Devices AD6426 Datasheet HTML 19Page - Analog Devices AD6426 Datasheet HTML 20Page - Analog Devices AD6426 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 17 -
Confidential Information
The EEPROM interface is controlled entirely through software
via the EEPROM register. This allows support for every
desired timing and protocol.
Bit
EEPROM CC Control Register 8
4
EEPROM Data Output Enable
when set to 1, the content of bit 0 will be written to
the pin.
2
EEPROM Clock
Connected to the EEPROMCLK pin
1
EEPROM Enable
Connected to the EEPROMENABLE pin
0
EEPROM Data
Connected to the EEPROMDATA pin
SIM Interface
The AD6426 allows direct interfacing to the SIM card via a
dedicated SIM interface. This interface consists of 7 pins as
shown in Table 7. Some applications may not require
SIMPROG and SIMCARD; thus SIMPROG and SIMCARD
can be re-used as additional general purpose I/O-pins.
Table 7. SIM Interface
Name
I/O
Function
SIMCARD
I
SIM card detect
SIMDATAOP
O
SIM data output
SIMDATAIP
I
SIM data input
SIMCLK
O
SIM clock
SIMRESET
O
SIM reset
SIMPROG
O
SIM program enable
SIMSUPPLY
O
SIM supply enable
Accessory Interface
The AD6426 provides 12 interface pins listed in Table 8 for
control of peripheral devices such as a car kit. However, two
general purpose I/O-pins of the Accessory Interface are
proposed to be used for additional control of the radio section
as described in the Radio Interface chapter.
Table 8. Accessory Interface
Name
I/O
Function
GPIO9:0
I/O
General purpose
inputs/outputs
GPCS
O
General purpose chip select
All GPIO pins start up as inputs. GPIO8 and GPIO9 are
controlled by flags in CC Control Register 79. When the
GPIOn OP Enable flag is set to 0, the GPIOn Data flag
reflects the input pin state when read and writing to GPIOn
Data has no effect.
When the GPIOn OP Enable flag is set to 1, the GPIOn Data
flag returns when read the last value written to it and controls
the GPIOn pin when written to it.
Additional general purpose inputs and outputs are available
under software control. The following pins shown in Table 9
become general purpose inputs/outputs or outputs.
Table 9. Additional GPIO / GPO Pins
Pin Name
I/O
New Function
SIMCARD
I/O
GPIO16
SIMPROG
I/O
GPIO15
ADD20
O
GPO10
FLASHPWD
O
GPO11
TXPA
O
GPO12
CALIBRATERADIO
O
GPO13
TXENABLE
O
GPO14
SYNTHEN1
O
GPO17
AGCA
O
GPO18
AGCB
O
GPO19
USCRI
O
GPO20
USCRTS
O
GPO21
USCCTS
I
GPI22
If the pins SIMCARD and SIMPROG are not required in the
application, they can be used as additional H8 programmable
general purpose inputs or outputs.
Setting GPO10 Select (CC Control Register 7) to 1, will
transform the pin ADD20 into a general purpose output
allowing the pin to be directly controlled via GPO10 Data.
By setting GPO11 Select (CC Control Register 77) to 1 and
FLASHPWD Disable to 1, the pin FLASHPWD becomes a
general purpose output. The pin state is toggled by setting the
GPO11 Data flag.
To increase the flexibility of the AD6426, three pins in the
Radio Interface are multiplexed within GPO functions. The
pins multiplexed are: SYNTHEN1, AGCA and AGCB, with
the default function being the Radio Interface. The mode of
these pins is controlled by the Channel Codec Register
ccGPO.
The GPO[n]Sel bit selects the function of the pin. Setting
GPO[n]Sel to one will enable the pin to be controlled by the
GPO[n] bit. The GPO[n]Sel bit will override any other pin
function selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com