Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 40 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6426 Datasheet HTML 36Page - Analog Devices AD6426 Datasheet HTML 37Page - Analog Devices AD6426 Datasheet HTML 38Page - Analog Devices AD6426 Datasheet HTML 39Page - Analog Devices AD6426 Datasheet HTML 40Page - Analog Devices AD6426 Datasheet HTML 41Page - Analog Devices AD6426 Datasheet HTML 42Page - Analog Devices AD6426 Datasheet HTML 43Page - Analog Devices AD6426 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 40 -
Confidential Information
TIMING CHARACTERISTICS
EVBC Interface BSPORT
Parameter
Comment (see Figure 20)
Min
Typ
Max
Units
t80
BSCLK period
76.9
ns
t81
BSIFS setup time before BSCLK low
4
ns
t82
BSIFS hold time after BSCLK low
7
ns
t83
BSDI setup time before BSCLK low
4
ns
t84
BSDI hold time after BSCLK low
7
ns
t85
BSOFS delay after BSCLK high
15
ns
t86
BSDO delay after BSCLK high
0
15
BSCLK (I)
BSDI (I)
BSDO (O)
t80
D15
D14
BSIFS (I)
t
81
D15
D14
BSOFS (O)
t
82
t
83
t
84
t85
t86
Figure 20. EVBC Interface BSPORT Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com