Electronic Components Datasheet Search
  English  ▼

X  

AD6426 Datasheet(PDF) 15 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6426 Datasheet HTML 11Page - Analog Devices AD6426 Datasheet HTML 12Page - Analog Devices AD6426 Datasheet HTML 13Page - Analog Devices AD6426 Datasheet HTML 14Page - Analog Devices AD6426 Datasheet HTML 15Page - Analog Devices AD6426 Datasheet HTML 16Page - Analog Devices AD6426 Datasheet HTML 17Page - Analog Devices AD6426 Datasheet HTML 18Page - Analog Devices AD6426 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 15 -
Confidential Information
The VDDRTC was designed to interface with either a:
•
Lithium Battery or
•
Capacitor in the range of 0.4F (maximum for ~24 hours
standby) to 8mF (~30 minutes standby)
Reset
The AD6426 is reset by setting the RESET pin to GND. This
will reset the H8-processor, the Channel Codec, the internal
DSP as well as the LCD controller interface and Boot ROM
logic. Both the DSP and the Channel Codec will be held in
reset until the RESET register is written to by the H8. At least
50 CLKIN cycles must elapse before deasserting the RESET
pin and at least a further 100 cycles before writing to the
RESET register.
For reset at power up, the DSP must be held in reset for at
least 2000 clock cycles to enable the internal PLL to lock.
The RESET CC Control Register 35 contains the following
flags:
Bit
Function
3
EVBC Reset
2
DSP Reset
0
Channel Codec Reset
Additionally 8 functional modules can be reset under control
of the two SWRESET registers:
Bit
SWRESET 1 CC Control Register 46
3
Encryption Software Reset
2
EVBC Interface Software Reset
1
DSP Interface Software Reset
0
Synthesizer Interface Software Reset
Bit
SWRESET 2 CC Control Register 47
3
Decode Software Reset
2
Deinterleave Software Reset
1
Interleave Software Reset
0
Encode Software Reset
The JTAG circuitry is reset by a power-on reset mechanism.
Further resets must be done by asserting the TMS input high
for at least five TCK clock cycles. When JTAG compliance is
re-enabled, the JTAG is reset forcing the AD6426 into its
normal mode of operation, selecting the BYPASS register by
default.
The H8 fetches its program start vector from location 0x0000
in segment zero. This can either be from external ROM or
internal Boot ROM, depending on the status of the
BOOTCODE pin.
Interrupts
The interrupts are controlled by the two CC Control Registers
77 and 78. These registers only apply to Emulation Mode, in
that they define which of the interrupts are able to assert
CCIRQ2.
Bit
IRQ ENABLE CC Control Register 77
5
IRQ 5 Enable
4
IRQ 4 Enable
3
IRQ 3 Enable
2
IRQ 2 Enable
Bit
IRQ LATCH CC Control Register 78
5
IRQ 5 active
4
IRQ 4 active
3
IRQ 3 active
2
IRQ 2 active
NMI
The non-maskable interrupt NMI input of the H8 processor is
multiplexed with the IRQ6 pin. IRQ6 is the default function,
though asserting the NMI Select flag in CC Control Register 7
will select the NMI function. When not selected, NMI will be
tied off high internally, though it remains driven by the JTAG
port for test purposes. The signal is programmable to be edge
or level sensitive. It defaults to falling edge. The edge polarity
can be changed by programming the H8. However, if
FLASHPWD is used then the same setting must be applied to
CC Control Register 77. The default of zero implies falling
edge sensitive. This way NMI going active can correctly de-
assert FLASHPWD. The NMI can be used for test purposes or
user defined features. NMI is capable of bringing the control
processor out of software standby mode and therefore suitable
for functions such as alarm inputs, power management etc.
During manufacture the NMI can be used to trigger special
test code.
In addition NMI can be generated internally thus freeing up
the IRQ6 PIN. In this mode the TXENABLE NMI will occur
on the rising edge of the TXENABLE as seen at the pin. The
H8 should be set up for a negative edge NMI in this case.
Setting bit 5 in the SERDISPLAY/NMI H8 Peripheral Control
Register 106 to a ONE enables the TXENABLE NMI.
However, the Layer 1 Software must program the external INT
pin to INT6 before the register bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com