Electronic Components Datasheet Search
  English  ▼

X  

ADMC401 Datasheet(PDF) 57 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 52Page - Analog Devices ADMC401 Datasheet HTML 53Page - Analog Devices ADMC401 Datasheet HTML 54Page - Analog Devices ADMC401 Datasheet HTML 55Page - Analog Devices ADMC401 Datasheet HTML 56Page - Analog Devices ADMC401 Datasheet HTML 57Page - Analog Devices ADMC401 Datasheet HTML 58Page - Analog Devices ADMC401 Datasheet HTML 59Page - Analog Devices ADMC401 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
ADMC401
–57–
REV. B
31 30 29 28 27 26 25 24 23 22
21 20 19 18 17 16
SPORT0_RX_WORDS1 (R/W)
1 = CHANNEL ENABLE
0 = CHANNEL IGNORED
DM (0x3FFA)
15 14 13 12
11 10
9
8
7
65
4
3
2
1
0
SPORT0_RX_WORDS0 (R/W)
DM (0x3FF9)
31 30 29 28 27 26 25 24 23 22
21 20 19 18 17 16
SPORT0_TX_WORDS1 (R/W)
1 = CHANNEL ENABLE
0 = CHANNEL IGNORED
DM (0x3FF8)
15 14 13 12
11 10
9
8
7
65
4
3
2
1
0
SPORT0_TX_WORDS0 (R/W)
DM (0x3FF7)
MEMWAIT (R/W)
DWAIT4
DWAIT0
DWAIT1
DWAIT2
DWAIT3
ROM ENABLE
1 = ENABLE
0 = DISABLE
1
1
1
1
1
1
1
0
1
11
1
1
1
1
1
15
14
13
12
11
10
9876543210
NOTE: IN STANDALONE MODE (MMAP = BMODE = 1)
THE ROM MONITOR WRITES 0x8000 TO THIS REGISTER.
DM (0x3FFE)
MULTICHANNEL ENABLE MCE
IINTERNAL SERIAL CLOCK GENERATION ISCLK
RECEIVE FRAME SYNC REQUIRED RFSR
RECEIVE FRAME SYNC WIDTH RFSW
MULTI CHANNEL FRAME DELAY MFD
ONLY IF MULTICHANNEL MODE ENABLED)
TRANSMIT FRAME SYNC REQUIRED TFSR
TRANSMIT FRAME SYNC WIDTH TFSW
SLEN SERIAL WORD LENGTH
DTYPE DATA FORMAT
00 = RIGHT JUSTIFY, ZERO-FILLED UNUSED MSBS
01 = RIGHT JUSTIFY, SIGN EXTEND INTO UNUSED MSBS
10 = COMPAND USING
-LAW
11 = COMPAND USING A-LAW
ITFS INTERNAL TRANSMIT FRAME SYNC ENABLE
(OR MCL MULTICHANNEL LENGTH; 1 = 32 WORDS, 0 = 24 WORDS
ONLY IF MULTICHANNEL MODE ENABLED)
INVRFS IINVERT RECEIVE FRAME SYNC
INVTFS INVERT TRANSMIT FRAME SYNC
(OR INVTDV INVERT TRANSMIT DATA VALID
ONLY IF MULTICHANNEL MODE ENABLED)
IRFS INTERNAL RECEIVE FRAME SYNC ENABLE
SPORT0_CTRL_REG (R/W)
0
0
0
0
0
0
0
0
0
00
0
0
0
0
0
15
14
13
12
11
10
9876543210
DM (0x3FF6)
Figure 45. Structure of Registers of ADMC401
Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these
bits should always be written as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com