Electronic Components Datasheet Search
  English  ▼

X  

ADMC401 Datasheet(PDF) 34 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 30Page - Analog Devices ADMC401 Datasheet HTML 31Page - Analog Devices ADMC401 Datasheet HTML 32Page - Analog Devices ADMC401 Datasheet HTML 33Page - Analog Devices ADMC401 Datasheet HTML 34Page - Analog Devices ADMC401 Datasheet HTML 35Page - Analog Devices ADMC401 Datasheet HTML 36Page - Analog Devices ADMC401 Datasheet HTML 37Page - Analog Devices ADMC401 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
REV. B
ADMC401
–34–
On the occurrence of a PWM shutdown command (either from
the
PWMTRIP pin, the PIO lines or the PWMSWT register),
a PWMTRIP interrupt will be generated. In addition, the
PWMSYNC pulse no longer appears at the output pin. How-
ever, internal operation of the PWM timer continues. Following
a PWM shutdown, the PWM can only be re-enabled (in a
PWMTRIP interrupt service routine, for example) by writing to
all of the PWMTM, PWMCHA, PWMCHB and PWMCHC
registers. Provided the external fault has been cleared and the
PWMTRIP or appropriate PIO lines have returned to a HI
level, the PWM controller will restart.
PWM REGISTERS
The PWM registers are described in at the end of this data sheet.
The parameters of the PWM block for operation at 26 MHz are
tabulated in Table V.
ENCODER INTERFACE UNIT
OVERVIEW OF ENCODER INTERFACE UNIT
The ADMC401 incorporates a powerful encoder interface to
incremental shaft encoders, that are often used for position
feedback in high performance motion control systems. The
functional block diagram of the entire encoder interface system
of the ADMC401 is shown in Figure 28.
The encoder interface unit (EIU) includes a 16-bit quadrature
up/down counter, programmable input noise filtering of the
encoder input signals and the zero markers, and has four dedi-
cated pins on the ADMC401. The quadrature encoder signals
(or alternatively, frequency and direction inputs) are applied at
the EIA and EIB pins. In addition, two zero marker/strobe in-
puts are provided on pins EIZ and EIS. These inputs may be
used to latch the contents of the encoder quadrature counter
into dedicated registers, EIZLATCH and EISLATCH, on the
occurrence of external events at the EIZ and EIS pins. These
events may be programmed to be either rising edge only (latch
event) or rising edge if the encoder is moving in the forward
direction and falling edge if the encoder is moving in the reverse
direction (software latched zero marker functionality). The
encoder interface unit incorporates programmable noise filtering
on the four encoder inputs to prevent spurious noise pulses from
adversely affecting the operation of the quadrature counter. The
encoder interface unit operates at a clock frequency equal to the
DSP instruction rate. The encoder interface unit operates correctly
with encoder signals at frequencies of up to 4.33 MHz, corre-
sponding to a maximum quadrature frequency of 17.3 MHz
(assuming an ideal quadrature relationship between the input
EIA and EIB signals).
EETCNT(15…0)
EIUCNT(15…0)
EIUMAXCNT(15…0)
EIUCTRL(8…0)
EIUSTAT(7…0)
EISLATCH(15…0)
EIZLATCH(15…0)
EIUFILTER(5…0)
PULSE
DECIMATOR
CLOCK DIVIDER
ENCODER EVENT
TIMER
QUADRATURE SIGNAL
ENCODER INTERFACE BLOCK
ENCODER LOOP TIMER
TIMEOUT
DIRECTION
ENCODER EVENT
TIMER BLOCK
EETDIV(15…0)
EETSTAT(0)
EETT(15…0)
EETDELTAT(15…0)
EETN(7…0)
EIUSCALE (7…0)
EIUTIMER (15…0)
EIUPERIOD (15…0)
EIA
16-BIT
QUADRATURE
UP/DOWN
COUNTER
ENCODER
COUNTER
CONTROL
EIB
EIZ
B
A
EIS
Z
S
PROGRAMMABLE
NOISE FILTERS
Figure 28. Configuration of Encoder Interface System of
ADMC401
The EIU may be programmed to use the zero marker on EIZ to
reset the quadrature encoder in hardware, if required. Alterna-
tively, the zero marker can be ignored and the encoder quadra-
ture counter is reset according to the contents of a maximum
count register, EIUMAXCNT. There is also a “single north
marker” mode available in which the encoder quadrature
counter is reset only on the first zero marker pulse. Both modes
are enabled by dedicated control bits in the EIU control regis-
ter, EIUCTRL. A status bit is set in the EIUSTAT register on
the first occurrence of the zero marker.
The encoder interface unit can also be made to implement some
error checking functions. If the error checking mode is enabled,
upon the occurrence of a zero pulse, the contents of the encoder
counter register are compared with the expected value (0 or
EIUMAXCNT depending on the direction of rotation). If an
encoder count error is detected, a status bit in the EIUSTAT
Table V. Fundamental Characteristics of PWM Generation Unit of ADMC401 (CLKOUT = 26 MHz)
Parameter
Test Conditions
Min
Typ
Max
Unit
Counter Resolution
16
Bits
Edge Resolution
Double Update Mode
38.5
ns
TD
Programmable Dead Time
0
78.8
µs
Dead Time Increments
77.0
ns
TMIN
Programmable Minimum Pulsewidth
0
39.4
µs
Minimum Pulsewidth Increments
38.5
ns
fPWM
PWM Switching Frequency
16-Bit Resolution
198
Hz
fPWM
PWM Switching Frequency
1
8-Bit Resolution
102
kHz
TPWMSYNC PWMSYNC Pulsewidth
38.5
9850
ns
PWMSYNC Pulsewidth Increments
38.5
ns
fCHOP
Gate Drive Chopping Frequency
25.4
6500
kHz
NOTE: Higher switching frequencies are possible at reduced resolutions (i.e., 202.8 kHz at 7 bits, 405.6 kHz at 6 bits, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com