Electronic Components Datasheet Search
  English  ▼

X  

ADMC401 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 16Page - Analog Devices ADMC401 Datasheet HTML 17Page - Analog Devices ADMC401 Datasheet HTML 18Page - Analog Devices ADMC401 Datasheet HTML 19Page - Analog Devices ADMC401 Datasheet HTML 20Page - Analog Devices ADMC401 Datasheet HTML 21Page - Analog Devices ADMC401 Datasheet HTML 22Page - Analog Devices ADMC401 Datasheet HTML 23Page - Analog Devices ADMC401 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
REV. B
ADMC401
–20–
Two control lines indicate the direction of the transfer. Memory
read,
RD, is active low, signaling a read from external memory
and memory write;
WR, is active low, signaling a write to exter-
nal memory. Typically, the
PMS line is connected to the CE
(chip enable) of the external program memory and the
RD line
is connected to the
CE line of the external data memory. The
RD line is connected to the OE (output enable) and the WR
line is connected to the
WE (write enable) of both memories.
On-chip accesses (to internal program memory RAM and ROM)
do not drive any of the external signals. The
PMS, RD and the
WR lines remain high (deasserted) and the address and data
buses are three-stated during these internal accesses. Similarly,
internal accesses to data memory (including internal DM RAM
and peripheral and DSP core memory mapped registers) do not
drive external signals and the
DMS, RD and the WR lines re-
main high (deasserted) and the address and data buses are also
three-stated.
External peripherals can also be connected externally and memory
mapped to the external memory space of the ADMC401. The
16 MSBs of the external data bus are connected internally to the
16 bits of the internal data memory bus. Therefore, the data
lines D23–D8 should be used for 16-bit peripherals.
BOOT LOADING
Standalone Mode (MMAP = BMODE = 1)
Boot loading of the ADMC401 may occur in a number of differ-
ent ways and is determined by the state of both the MMAP and
BMODE pins. If both MMAP and BMODE are tied to VDD
(HI), the ADMC401 is placed in the so-called standalone mode
and execution starts from internal program memory ROM at
address 0x0800 following a power-on or reset. This starts execu-
tion of the internal monitor function that first performs some
initialization functions (including writing 0 to the three data
memory wait state fields) and copies a default interrupt vector
table to addresses 0x0000–0x005F of program memory RAM.
The monitor program next clears Bit 4 of the MODECTRL
register to connect the DR1A pin to the internal data receive
port (DR1) of SPORT1. In addition, Bit 5 of the MODECTRL
register is set. This connects the FL1 port of the DSP core to
the RFS1/SROM pin to act as a reset for a serial memory device.
The monitor next attempts to boot load from an external Serial
ROM (SROM) or Serial E
2PROM on SPORT1 using the three
wire connection of Figure 15. This SROM or E
2PROM should be
programmed with the protocol of the MAKEPROM utility
provided with the Motion Control Debugger. The monitor
program first toggles the RFS1/
SROM pin of the ADMC401 to
reset the serial memory device with the following code segment:
SROMRESET:
SET FL1;
TOGGLE FL1;
TOGGLE FL1;
RTS;
If a properly programmed SROM or E
2PROM is connected to
SPORT1, data is clocked synchronously into the ADMC401 at
a rate of 1 Mb/s. Both internal and external program and data
memory RAM can be loaded from the SROM/E
2PROM, up to
the available capacity of the serial memory device. After the
entire boot load is complete, program execution begins at ad-
dress 0x0060. This is where the first instruction of the user code
should be placed.
VDD
CLKOUT
MMAP
BMODE
RESET
XTAL
CLKIN
DR1A
SCLK1
RFS1/
SROM
SERIAL ROM
OR
E2PROM
ADMC401
13MHz
20pF
20pF
DATA
CLK
RESET
Figure 15. Basic System Configuration in Standalone
Mode
If boot loading from an SROM or E
2PROM is unsuccessful, the
monitor code reconfigures SPORT1 as a UART (setting both
Bit 4 and Bit 5 of the MODECTRL register) and attempts to
receive commands from an external device on this serial port
using the DR1B pin. The monitor now waits for two bytes of
information. These bytes are received asynchronously so that no
clock is needed. The first byte is the autobaud byte and it is
used to calculate the baud rate at which data is being received.
This is known as the autobaud feature. The ADMC401 will
automatically lock onto the baud rate of the external device if
it is sent a byte of 0x70. The maximum baud rate that the
ADMC401 will lock onto is 300 kb/s for a 26 MHz CLKOUT.
The second byte of information received is the header byte that
uniquely identifies to the monitor which type of interface it is
connected to. There are six different interfaces supported on the
ADMC401. These includes:
•
A UART boot loader such as from a Motorola 68HC11
communicating over its Serial Communications Interface
(SCI) port.
•
A synchronous slave boot loader (the clock is external).
•
A synchronous master boot loader (the ADMC401 provides
the clock).
•
A UART debugger interface such as the Motion Control
Debugger from Analog Devices. The monitor then processes
commands received from the debugger over the UART
interface.
•
A synchronous master debugger interface.
•
A synchronous slave debugger interface.
Detailed information on these software interfaces can be
found in the “UART Boot Loader Protocol” and “UART
Debugger Protocol” appendices of the ADMC401 Developer’s
Reference Manual.
Byte-Wide EPROM Boot Mode (MMAP = BMODE = 0)
If both the MMAP and BMODE pins are tied to GND, the
ADMC401 operates in the so-called EPROM Boot mode. In this
mode the entire internal program memory, or any portion of it,
can be loaded from an external source using a boot sequence
over the memory interface. To allow boot loading from inexpen-
sive 8-bit wide EPROM devices, the processor loads data one
byte at a time. The boot sequence can also be initiated after
reset by software.
Boot memory is organized into eight pages, each of which is 8k
bytes long. Every fourth byte of a page is an empty byte except
for the first one, which contains the page length. Each set of
three bytes between successive empty bytes contains one 24-bit
instruction to be loaded into the internal PM RAM of the DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com