| Electronic Components Datasheet Search |
|
ADMC401 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC401 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 60 page ![]() REV. B ADMC401 –22– Entering Power-Down The power-down sequence is initiated by applying a high-to-low transition on the PWD pin or by setting the power-down force control bit (PDFORCE) of the SPORT1 autobuffer/power- down control register. The DSP core then vectors to the non- maskable power-down interrupt vector at address 0x002C. Care must be taken to ensure that multiple power-down interrupts do not occur or else stack overflow may result. The interrupt ser- vice routine at address 0x002C can be used to execute any num- ber of housekeeping instructions prior to the processor entering the power-down mode. Typically, this is used to configure the power-down state, disable on-chip peripherals and clear pending interrupts. The DSP subsequently enters the power-down mode when it executes the IDLE instruction (while PWD is asserted). The processor may take either one or two cycles to power down, depending on internal clock states during execution of the IDLE instruction. All register and memory contents are maintained in power-down. Also, all active outputs are held in whatever state they are in before going into power-down. If an RTI instruction is executed before the IDLE instruction, the processor returns from the power-down interrupt and the power-down sequence is aborted. Exiting Power-Down The power-down mode can be exited with the use of the PWD pin or with the RESET pin. There are also several user-select- able modes for startup from power-down which specify a start- up delay as well as specify the program flow after startup. This allows the program to resume from where it left off before power-down, or for the program context to be cleared. Applying a low-to-high transition on the PWD pin will take the processor out of power-down. The amount of time it takes for the proces- sor to come out of power-down is controllable with the delay startup from power-down control bit (XTALDELAY, Bit 14 of the Power-Down Control Register or SPORT1 Autobuffer Control Register). If this bit is cleared, no additional delay over the quick startup (100 cycles) is introduced. If this bit is set, a delay of 4096 cycles is introduced. The context for exiting power-down is set by Bit 12 (PUCR) of the Power-Down Control Register. If this bit is cleared, after exiting power-down the processor will continue to execute in- structions following the IDLE instruction after the low-to-high transition on the PWD pin. When the RTI instruction is en- countered in the interrupt service routine for the power-down, operation is returned to the main routine. If the PUCR bit is set, for a “clear context”, the processor resumes operation from power-down by clearing the PC, STATUS, LOOP and CNTR registers. The IMASK and ASTAT registers are cleared and the SSTAT goes to 0x55. The processor starts execution at address 0x0000. Active output pins retain their states during power-down. In addition, interrupts are latched and can be serviced if the ADMC401 exits power-down with PUCR = 0. It is possible to clock data into or out of the serial ports during power-down by supplying an external serial clock. Data clocked into the ADMC401 will remain in the RX registers. These activities cause additional power consumption. If RESET is activated while the ADMC401 is in the power- down mode, power down is exited, and a normal Full System Reset Sequence is initiated, (which depends upon the settings of MMAP and BMODE for the boot method as usual). When exiting power-down with RESET, the XTALDELAY control bit is ignored. Startup Time After Power-Down The time required to exit the power-down state depends on the method used to exit power-down. Unlike the standard ADSP- 21xx products, the XTALDIS bit of the Power-Down Register has no effect on the ADMC401 so that it is not possible to avoid the power drain caused by the XTAL pin toggling. When the processor comes out of power-down by either the PWD or RESET pins, it will begin executing after a maximum startup time of 100 CLKIN cycles as long as the clock oscillator is stable and at the same frequency as before power-down. If the external clock is unstable when the ADMC401 exits power-down, the XTALDELAY control bit can be used to insert an additional 4096 cycle delay into the startup time. This delay can only be inserted when the ADMC401 is brought out of power-down by the PWD pin. If the processor is taken out of power-down by the RESET line, and the clock is stable and at the same frequency as before power-down, the RESET need only be held for five cycles. The PWDACK Pin The PWDACK pin is an output that indicates when the ADMC401 is in the power-down mode. This pin is driven high by the pro- cessor when it has powered down. It is driven low after the processor has completed the power-up sequence. A low level on the PWDACK pin also indicates that there is a valid CLKOUT signal and that instruction execution has begun. When power-down is terminated with the RESET pin or a start- up delay is selected, a low level on the PWDACK pin only indi- cates the start of oscillations on the CLKOUT pin. It will not necessarily indicate the start of instruction execution. The state of PWDACK and also the CLKOUT signal is unde- fined during the first 100 cycles of the initial reset. Using Power-Down as a Nonmaskable Interrupt The power-down interrupt is never masked. It is possible to use this interrupt for other purposes, if desired. The ADMC401 does not go into power-down until the IDLE instruction is executed. If an RTI is executed instead, before an IDLE instruction, the processor returns from the power-down interrupt service outline and the power-down sequence is aborted. THE ANALOG-TO-DIGITAL CONVERSION SYSTEM OVERVIEW OF ADC SYSTEM The ADMC401 contains a fast, high accuracy, multiple-input analog-to-digital conversion system with simultaneous sampling capabilities. This A/D conversion system permits the fast, accu- rate conversion of currents, voltages and other signals needed in high performance motor control systems. A functional block diagram of the entire ADC system is shown in Figure 16. The ADC system permits up to eight dedicated analog inputs all to be converted in under 2 µs (at 26 MHz) through a single 12- bit pipeline flash ADC. The entire ADC system (including multiplexing and the sample and hold amplifiers) operates at a clock rate equal to a quarter of the DSP instruction rate. Analog input voltages of up to 4.0 V p-p can be converted. The input signals are divided into two banks of four signals each, with VIN0 to VIN3 making up one bank and VIN4 to VIN7 making up the second bank. There are also two dedicated inputs (ASHAN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |