Electronic Components Datasheet Search
  English  ▼

X  

ADMC401 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMC401
Description  Single-Chip, DSP-Based High Performance Motor Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC401 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMC401 Datasheet HTML 13Page - Analog Devices ADMC401 Datasheet HTML 14Page - Analog Devices ADMC401 Datasheet HTML 15Page - Analog Devices ADMC401 Datasheet HTML 16Page - Analog Devices ADMC401 Datasheet HTML 17Page - Analog Devices ADMC401 Datasheet HTML 18Page - Analog Devices ADMC401 Datasheet HTML 19Page - Analog Devices ADMC401 Datasheet HTML 20Page - Analog Devices ADMC401 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
ADMC401
–17–
REV. B
PIN FUNCTION DESCRIPTION
The ADMC401 is available in an 144-lead TQFP package. Table
I contains the pin descriptions.
Table I. Pin List
Pin
#
Group
of
Input/
Name
Pins Output Function
A13–A0
14
O
Address Lines
D23–D0
24
I/O
Data Lines
PMS, DMS, BMS 3
O
External Memory Select Lines
RD, WR
2
O
External Memory Read/Write Enable
MMAP
1
I
Memory Map Select
POR
1
O
Internal Power On Reset Output
RESET
1
I
Processor Reset Input
CLKOUT
1
O
Processor Clock Output
CLKIN, XTAL
2
I, O
External Clock or Quartz Crystal
Input
BR
1
I
Bus Request
BG, BGH
2
O
Bus Grant and Bus Hang Control
BMODE
1
I
Boot Mode Select
PWD, PWDACK
2
I, O
Power-Down and Power-Down
Acknowledge
SPORT0
5
I/O
Serial Port 0 Pins (TFS0, RFS0,
DT0, DR0, SCLK0)
SPORT1
6
I/O
Serial Port 1 (TFS1/
IRQ1, RFS1/
IRQ0/SROM, DT1/FO, DR1A/FI,
DR1B/FI, SCLK1)
VIN0–VIN7
8
I
Analog Inputs
ASHAN, BSHAN
2
I
Inverting Inputs to Sample and
Hold Amplifiers
GAIN
1
I
Analog Input for Gain Calibration
VREF
1
I/O
Reference Voltage Input/Output
REFCOM
1
GND
Reference Common
CML
1
O
Common-
Mode Level (Midsupply)
CAPT, CAPB
2
O
Noise Reduction Pins
SENSE
1
I
Voltage Reference Select
CONVST
1
I
External Convert Start
AH-CL
6
O
PWM Outputs
PWMTRIP
1
I
PWM Shutdown Signal
PWMPOL
1
I
PWM Polarity Control
PWMSYNC
1
O
PWM Synchronization Output
PWMSR
1
I
PWM Switched Reluctance Mode
Control
PIO0–PIO11
12
I/O
Digital I/O Port
ETU0, ETU1
2
I
Event Timer Inputs
AUX0–AUX1
2
O
Auxiliary PWM Outputs
EIA, EIB, EIZ,
EIS
4
I
Encoder Interface Inputs and
External Registration Inputs
NC
2
No Connect
AVDD
2
SUP
Analog Power Supply
AVSS
2
GND
Analog Ground
VDD
8
SUP
Digital Power Supply
GND
16
GND
Digital Ground
INTERRUPT OVERVIEW
The ADMC401 can respond to different interrupt sources, some
of which are internal DSP core interrupts and others from the
motor control peripherals. The DSP core interrupts include a:
•
Power up (or
RESET) interrupt.
•
A peripheral (or
IRQ2) interrupt.
•
A SPORT0 receive and a SPORT0 transmit interrupt.
•
A SPORT1 receive (or
IRQ0) and a SPORT1 transmit (or
IRQ1) interrupt.
•
Two software interrupts.
•
An interval timer timeout interrupt.
•
A power-down interrupt.
In addition, the motor control peripherals add other interrupts
that include:
• A PWMSYNC interrupt.
• An ADC end of conversion interrupt.
• An encoder loop timer timeout interrupt.
• Five peripheral input/output (PIO) interrupts.
• An event timer interrupt.
• An encoder count error interrupt.
• A PWM trip interrupt.
The interrupts are internally prioritized and individually maskable
except for the nonmaskable power-down interrupt.
Memory Map
The ADMC401 has two distinct memory types; program memory
and data memory (in addition to external boot memory). In
general, program memory contains user code and coefficients,
while the data memory is used to store variables and data during
program execution. Both program memory RAM and ROM is
provided internally on the ADMC401. The program memory
map of the ADMC401 can be altered depending on the state of
the MMAP and BMODE pins. The various program memory
maps are illustrated in Figure 11 for the permissible settings of
MMAP and BMODE. The state of these pins also impact the
way in which the internal memory of the ADMC401 is booted,
as described later.
There is 2K of internal ROM on the ADMC401. Setting the
ROMENABLE bit on the Data Memory Wait State Control
Register (at address DM (0x3FFE)) enables the ROM. When the
ROMENABLE bit is set to 1, addressing program memory in the
ROM range will access the on-chip ROM. When ROMENABLE
is set to zero, addressing program memory in this range will
access external program memory. The ROMENABLE bit is
initialized to zero after reset unless MMAP and BMODE = 1.
When MMAP = BMODE = 0, the ADMC401 provides 2K
× 24
bits of internal program memory RAM starting at address
0x0000 that is booted from a byte-wide interface on the address
and data buses. Following boot loading, program execution
starts at address 0x0000. In this mode, the remainder of the
program memory space, a 12K
× 24-bit block starting at address
0x1000, is assigned to external memory.
When MMAP = BMODE = 1, the program memory map is
identical to the previous case, but ROMENABLE defaults to 1 at
reset, and execution starts from the internal program memory
ROM located at address 0x0800. This permits the internal (and
external if desired) memory to be boot loaded across the various
serial interfaces on SPORT1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com