Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 32Page - Texas Instruments ADS5404 Datasheet HTML 33Page - Texas Instruments ADS5404 Datasheet HTML 34Page - Texas Instruments ADS5404 Datasheet HTML 35Page - Texas Instruments ADS5404 Datasheet HTML 36Page - Texas Instruments ADS5404 Datasheet HTML 37Page - Texas Instruments ADS5404 Datasheet HTML 38Page - Texas Instruments ADS5404 Datasheet HTML 39Page - Texas Instruments ADS5404 Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADS5402
SLAS936 – MARCH 2013
www.ti.com
Register
Register Data
Address
A7-A0 in hex
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
3A
LVDS Current
LVDS SW
Internal
0
0
0
0
DACLK
DBCLK
0
OVRA
OVRB
Strength
LVDS
EN
EN
EN
EN
Termination
D15-D13
LVDS Current
LVDS output current strength.
Strength
Default 000
000
2 mA
100
3 mA
001
2.25 mA
101
3.25 mA
010
2.5 mA
110
3.5 mA
011
2.75 mA
111
3.75 mA
D12-D11
LVDS SW
LVDS driver internal switch setting – correct range must be set for setting in D15-D13
Default 01
01
2 mA to 2.75 mA
11
3mA to 3.75mA
D10-D9
Internal LVDS
Internal termination
Termination
Default 00
00
2 k
Ω
01
200
Ω
10
200
Ω
11
100
Ω
D4
DACLK EN
Enable DACLK output buffer
Default 1
0
DACLK output buffer powered down
1
DACLK output buffer enabled
D3
DBCLK EN
Enable DBCLK output buffer
Default 1
0
DBCLK output buffer powered down
1
DBCLK output buffer enabled
D1
OVRA EN
Enable OVRA output buffer
Default 1
0
OVRA output buffer powered down
1
OVRA output buffer enabled
D0
OVRB EN
Enable OVRB output buffer
Default 1
0
OVRB output buffer powered down
1
OVRB output buffer enabled
36
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com