Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 29Page - Texas Instruments ADS5404 Datasheet HTML 30Page - Texas Instruments ADS5404 Datasheet HTML 31Page - Texas Instruments ADS5404 Datasheet HTML 32Page - Texas Instruments ADS5404 Datasheet HTML 33Page - Texas Instruments ADS5404 Datasheet HTML 34Page - Texas Instruments ADS5404 Datasheet HTML 35Page - Texas Instruments ADS5404 Datasheet HTML 36Page - Texas Instruments ADS5404 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ADS5402
www.ti.com
SLAS936 – MARCH 2013
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
E
Sync Select
D15-D2
Sync Select
Sync selection for the clock generator block (also
Default 1010 1010
need to see address 0x0F)
1010 10
0000 0000 0000 00
Sync is disabled
0101 0101 0101 01
Sync is set to one shot (one time synchronization only)
1010 1010 1010 10
Sync is derived from SYNC input pins
1111 1111 1111 11
not supported
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
F
Sync Select
0
0
0
0
0
VREF Sel
0
0
0
0
D15-D12
Sync Select
Sync selection for the clock generator block
Default 1010
0000
Sync is disabled
0101
Sync is set to one shot (one time synchronization only)
1010
Sync is derived from SYNC input pins
1111
not supported
D6-D4
VREF SEL
Internal voltage reference selection
Default 000
000
1.0V
001
1.25V
010
0.9V
011
0.8V
100
1.15V
Others
external reference
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
1A
0
Start
0
0
1
0
1
1
0
0
0
1
1
0
0
0
Auto
Corr
ChB
D14
Start Auto Corr ChB
Starts DC offset and Gain correction loop for ChB
Default 1
0
Starts the DC offset and Gain correction loops
1
Clears DC offset correction value to 0 and Gain correction value to 1
D11, 9, 8, 4, 3
Must be set to 1 for maximum performance
Default 1
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com