Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 18Page - Texas Instruments ADS5404 Datasheet HTML 19Page - Texas Instruments ADS5404 Datasheet HTML 20Page - Texas Instruments ADS5404 Datasheet HTML 21Page - Texas Instruments ADS5404 Datasheet HTML 22Page - Texas Instruments ADS5404 Datasheet HTML 23Page - Texas Instruments ADS5404 Datasheet HTML 24Page - Texas Instruments ADS5404 Datasheet HTML 25Page - Texas Instruments ADS5404 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
55
56
57
58
59
60
61
62
10
100
1000
Fin (MHz)
SNR vs Input Frequency and External Clock Jitter
35 fs
50 fs
100 fs
150 fs
200 fs
2
2
2
Jitter
Jitter,Ext.Clock _ Input
Aperture _ ADC
Jitter,Ana log_ input
T
(T
)
(T
)
(T
)
=
+
+
Jitter
in
Jitter
SNR
[dBc]
20 log(2
f
T
)
= -
´
p ´
´
2
2
2
Quantization _ Noise
ThermalNoise
Jitter
ADC
SNR
SNR
SNR
SNR
[dBc]
20 log
10
10
10
20
20
20
æ
ö
æ
ö
æ
ö
= -
´
-
+
-
+
-
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
ADS5402
SLAS936 – MARCH 2013
www.ti.com
SNR AND CLOCK JITTER
The signal to noise ratio of the ADC is limited by three different factors: the quantization noise is typically not
noticeable in pipeline converters and is 74dB for a 12bit ADC. The thermal noise limits the SNR at low input
frequencies while the clock jitter sets the SNR for higher input frequencies.
(1)
The SNR limitation due to sample clock jitter can be calculated as following:
(2)
The total clock jitter (TJitter) has three components – the internal aperture jitter (100fs for ADS5402) which is set
by the noise of the clock input buffer, the external clock jitter and the jitter from the analog input signal. It can be
calculated as following:
(3)
External clock jitter can be minimized by using high quality clock sources and jitter cleaners as well as bandpass
filters at the clock input while a faster clock slew rate improves the ADC aperture jitter.
The ADS5402 has a thermal noise of 61.8 dBFS and internal aperture jitter of 100fs. The SNR depending on
amount of external jitter for different input frequencies is shown in the following figure.
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com