Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 32Page - Texas Instruments ADS5404 Datasheet HTML 33Page - Texas Instruments ADS5404 Datasheet HTML 34Page - Texas Instruments ADS5404 Datasheet HTML 35Page - Texas Instruments ADS5404 Datasheet HTML 36Page - Texas Instruments ADS5404 Datasheet HTML 37Page - Texas Instruments ADS5404 Datasheet HTML 38Page - Texas Instruments ADS5404 Datasheet HTML 39Page - Texas Instruments ADS5404 Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
ADS5402
www.ti.com
SLAS936 – MARCH 2013
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
66
LVDS Output Bus A EN
D15-D10
LVDS Output Bus A EN
Individual LVDS output pin power down for channel B
Default FFFF
0
Output is powered down
1
Output is enabled
D15
Pins N7, P7 (no connect pins) which are not used and should be powered down for
power savings
D14
Pins N6, P6 (no connect pins) which are not used and should be powered down for
power savings
D13
SYNCOUTP/N (pins F1, F2)
D12
Pins E3, E4 (no connect pins) which are not used and should be powered down for
power savings
D11-D10
corresponds to DB11-DB0
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
67
LVDS Output Bus B EN
D15-D10
LVDS Output Bus B EN
Individual LVDS output pin power down for channel B
Default FFFF
0
Output is powered down
1
Output is enabled
D15
Pins G3, G4 (no connect pins) which are not used and should be powered down for
power savings
D14
Pins F3, F4 (no connect pins) which are not used and should be powered down for
power savings
D13
SYNCOUTP/N (pins F1, F2)
D12
Pins E3, E4 (no connect pins) which are not used and should be powered down for
power savings
D11-D10
corresponds to DB11-DB0
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com