Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5404 Datasheet HTML 1Page - Texas Instruments ADS5404 Datasheet HTML 2Page - Texas Instruments ADS5404 Datasheet HTML 3Page - Texas Instruments ADS5404 Datasheet HTML 4Page - Texas Instruments ADS5404 Datasheet HTML 5Page - Texas Instruments ADS5404 Datasheet HTML 6Page - Texas Instruments ADS5404 Datasheet HTML 7Page - Texas Instruments ADS5404 Datasheet HTML 8Page - Texas Instruments ADS5404 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADS5402
SLAS936 – MARCH 2013
www.ti.com
PIN ASSIGNMENTS (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
Chip enable – active high. Power down function can be controlled through SPI register
ENABLE
B11
I
assignment. Internal 50k
Ω pull up resistor to IOVDD.
SCLK
A12
I
Serial interface clock. Internal 50k
Ω pull-down resistor.
Bi-directional serial data in 3 pin mode (default). In 4-pin interface mode (register x00, D16),
SDIO
A11
I/O
the SDIO pin is an input only. Internal 50k
Ω pull-down.
SDENB
A13
I
Serial interface enable. Internal 50k
Ω pull-down resistor.
Uni-directional serial interface data in 4 pin mode (register x00, D16). The SDO pin is tri-
SDO
A10
O
stated in 3-pin interface mode (default). Internal 50k
Ω pull-down resistor.
TESTMODE
B13
–
Factory internal test, do not connect
DATA INTERFACE
P3, N3, P2, N2,
P1, N1, M4, M3,
M2, M1, L4, L3,
DA[11:0]P/N
O
ADC A Data Bits 11 (MSB) to 0 (LSB) in DDR output mode. Standard LVDS output.
L2, L1, K4, K3,
K2, K1, J4, J3,
J2, J1, H4, H3
E2, E1, D4, D3,
D2, D1, C4, C3,
C2, C1, B1, A1,
DB[11:0]P/N
O
ADC B Data Bits 11 (MSB) to 0 (LSB) in DDR output mode. Standard LVDS output.
B2, A2, B3, A3,
B4, A4, B5, A5,
B6, A6, B7, A7
DDR differential output data clock for Bus A. Register programmable to provide either rising
DACLKP/N
H2, H1
O
or falling edge to center of stable data nominal timing.
DDR differential output data clock for Bus B. Register programmable to provide either rising
DBCLKP/N
G2, G1
O
or falling edge to center of stable data nominal timing. Optionally Bus B can be latched with
DACLKP/N.
SYNCOUTP/N
F2, F1, P5, N5
O
Synchronization output signal for synchronizing multiple ADCs. Can be disabled via SPI.
Bus A, Overrange indicator, LVDS output. A logic high signals an analog input in excess of
OVRAP/N
M5, L5
O
the full-scale range. Optional SYNC output.
Bus B, Overrange indicator, LVDS output. A logic high signals an analog input in excess of
OVRBP/N
D5, C5
O
the full-scale range. Optional SYNC output.
E3, E4, F3, F4,
G3, G4, N4, N6,
NC
–
Don’t connect to pin
N7, N10, P4, P6,
P7, P10
POWER SUPPLY
D12, E12, F12,
G12, H12, J12,
AVDD33
I
3.3V analog supply
K12, L12, N12,
P12
AVDDC
G14, H14
I
1.8V supply for clock input
D10, D11, E11,
F11, G11, H11,
AVDD18
I
1.8V analog supply
J11, K11, L10,
L11, N11, P11
A8, A9, B8, B9,
DVDD
C8, D8, L8, M8,
I
1.8V supply for digital block
N8, P8
C6, C7, D6, D7,
DVDDLVDS
I
1.8V supply for LVDS outputs
L6, L7, M6, M7
IOVDD
B10
I
1.8V for digital I/Os
GND
I
Ground
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com