Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 3Page - Texas Instruments ADS5404 Datasheet HTML 4Page - Texas Instruments ADS5404 Datasheet HTML 5Page - Texas Instruments ADS5404 Datasheet HTML 6Page - Texas Instruments ADS5404 Datasheet HTML 7Page - Texas Instruments ADS5404 Datasheet HTML 8Page - Texas Instruments ADS5404 Datasheet HTML 9Page - Texas Instruments ADS5404 Datasheet HTML 10Page - Texas Instruments ADS5404 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ADS5402
www.ti.com
SLAS936 – MARCH 2013
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 800Msps, 50%
clock duty cycle, AVDD3V = 3.3V, AVDD/DRVDD/IOVDD = 1.8V, –1dBFS differential input (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNITS
ANALOG INPUTS
Differential input full-scale
1.0
1.25
Vpp
Input common mode voltage
1.9
±0.1
V
Input resistance
Differential at DC
1
k
Ω
Input capacitance
Each input to GND
2
pF
VCM common mode voltage output
1.9
V
Analog input bandwidth (3dB)
1200
MHz
DYNAMIC ACCURACY
Auto Correction Disabled
-20
±6
20
mV
Offset Error
Auto Correction Enabled
-1
0
1
mV
Offset temperature coefficient
-10
µV/°C
Gain error
-5
±0.6
5
%FS
Gain temperature coefficient
0.003
%FS/°C
Differential nonlinearity
fIN = 230 MHz
-1
±0.8
2
LSB
Integral nonlinearity
fIN = 230 MHz
-5
±2
5
LSB
CLOCK INPUT
Input clock frequency
40
500
MHz
Input clock amplitude
2
Vpp
Input clock duty cycle
40
50
60
%
Internal clock biasing
0.9
V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com