Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 23Page - Texas Instruments ADS5404 Datasheet HTML 24Page - Texas Instruments ADS5404 Datasheet HTML 25Page - Texas Instruments ADS5404 Datasheet HTML 26Page - Texas Instruments ADS5404 Datasheet HTML 27Page - Texas Instruments ADS5404 Datasheet HTML 28Page - Texas Instruments ADS5404 Datasheet HTML 29Page - Texas Instruments ADS5404 Datasheet HTML 30Page - Texas Instruments ADS5404 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
A2
A3
A4
A5
A6
RWB
SDIO
SDENB
SCLK
Read = 1
Write = 0
7 bit address space
16bit data: D15 is MSB, D0 is LSB
ADS5402
www.ti.com
SLAS936 – MARCH 2013
PROGRAMMING INTERFACE
The serial interface (SIF) included in the ADS5402 is a simple 3 or 4 pin interface. In normal mode, 3 pins are
used to communicate with the device. There is an enable (SDENB), a clock (SCLK) and a bi-directional IO port
(SDIO). If the user would like to use the 4 pin interface one write must be implemented in the 3 pin mode to
enable 4 pin communications. In this mode, the SDO pin becomes the dedicated output. The serial interface has
an 8-bit address word and a 16-bit data word. The first rising edge of SCLK after SDENB goes low will latch the
read/write bit. If a high is registered then a read is requested, if it is low then a write is requested. SDENB must
be brought high again before another transfer can be requested. The signal diagram is shown below:
Register Initialization
After power up, the internal registers must be initialized to the default values. This initialization can be
accomplished in one of two ways:
1. Either through hardware reset by applying a low pulse on SRESET pin
2. By applying a software reset. When using the serial interface, a reset can be performed by addressing
register x2C. This setting initializes the internal registers to the default values and then self-resets the
RESET register to 0. In this case the SRESET pin can be kept high.
Serial Register Write
The internal register of the ADS5402 can be programmed following these steps:
1. Drive SDENB pin low
2. Set the R/W bit to ‘0’ (bit A7 of the 8 bit address)
3. Initiate a serial interface cycle specifying the address of the register (A6 to A0) whose content has to be
written
4. Write 16bit data which is latched on the rising edge of SCLK
Figure 40. Serial Register Write Timing Diagram
PARAMETER
MIN
TYP(1)
MAX
UNIT
fSCLK
SCLK frequency (equal to 1/tSCLK)
>DC
20
MHz
tSLOADS
SDENB to SCLK setup time
25
ns
tSLOADH
SCLK to SDENB hold time
25
ns
tDSU
SDIO setup time
25
ns
tDH
SDIO hold time
25
ns
(1)
Typical values at +25°C; minimum and maximum values across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD3V
= 3.3V, AVDD, DRVDD = 1.9V, unless otherwise noted.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com