Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 25Page - Texas Instruments ADS5404 Datasheet HTML 26Page - Texas Instruments ADS5404 Datasheet HTML 27Page - Texas Instruments ADS5404 Datasheet HTML 28Page - Texas Instruments ADS5404 Datasheet HTML 29Page - Texas Instruments ADS5404 Datasheet HTML 30Page - Texas Instruments ADS5404 Datasheet HTML 31Page - Texas Instruments ADS5404 Datasheet HTML 32Page - Texas Instruments ADS5404 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ADS5402
www.ti.com
SLAS936 – MARCH 2013
SERIAL REGISTER MAP
(2)
(2)
Multiple functions in a register can be programmed in a single write operation.
Register
Register Data
Address
A7–A0 IN
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
Decima-
ChA
ChB
3/4 Wire
tion
High/
High/
0
0
0
0
0
0
0
0
0
0
0
0
0
SPI
Filter
Low
Low
EN
Pass
Pass
ChA
ChB
Data
Hp
1
0
0
0
0
0
0
0
0
0
0
0
0
Corr EN
Corr EN
Format
Mode1
2
0
0
0
0
0
Over-range threshold
0
0
0
0
0
0
0
Start
Auto
3
0
0
0
1
0
1
1
0
0
0
1
1
0
0
0
Corr
ChA
E
Sync Select
F
Sync Select
0
0
0
0
0
VREF Set
0
0
0
0
Start
Auto
1A
0
0
0
1
0
1
1
0
0
0
1
1
0
0
0
Corr
ChB
2B
0
0
0
0
0
0
0
Temp Sensor
2C
Reset
37
Sleep Modes
0
0
0
0
0
0
0
0
0
0
BIAS
SYNC
LP
38
HP Mode2
0
0
0
0
EN
EN
Mode 1
Internal LVDS
DACLK
DBCLK
OVRA
OVRB
3A
LVDS Current Strength
LVDS SW
0
0
0
0
0
Termination
EN
EN
EN
EN
66
LVDS Output Bus A EN
67
LVDS Output Bus B EN
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com