Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 20Page - Texas Instruments ADS5404 Datasheet HTML 21Page - Texas Instruments ADS5404 Datasheet HTML 22Page - Texas Instruments ADS5404 Datasheet HTML 23Page - Texas Instruments ADS5404 Datasheet HTML 24Page - Texas Instruments ADS5404 Datasheet HTML 25Page - Texas Instruments ADS5404 Datasheet HTML 26Page - Texas Instruments ADS5404 Datasheet HTML 27Page - Texas Instruments ADS5404 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Fs/2
Input
Signal
Fs/2 - Fin
Fs/2 Spur
Track &
Hold
Interleaving
Correction
Input
ADC
ODD
ADC
EVEN
Fs
Fs/2
0 deg
Fs/2
180 deg
Estimator
ADS5402
SLAS936 – MARCH 2013
www.ti.com
INTERLEAVING CORRECTION
Each of the two data converter channels consists of two interleaved ADCs each operating at half of the ADC
sampling rate but 180º out of phase from each other. The front end track and hold circuitry is operating at the full
ADC sampling rate which minimizes the timing mismatch between the two interleaved ADCs. In addition the
ADS5402 is equipped with internal interleaving correction logic that can be enabled via SPI register write.
The interleaving operation creates 2 distinct and interleaving products:
•
Fs/2 – Fin: this spur is created by gain timing mismatch between the ADCs. Since internally the front end
track and hold is operated at the full sampling rate, this component is greatly improved and mostly dependent
on gain mismatch.
•
Fs/2 Spur: due to offset mismatch between ADCs
The auto correction loop can be enabled via SPI register write in address 0x01 and resetting the correction circuit
in addresses 0x03 and 0x1A. By default it is disabled for lowest possible power consumption. The default
settings for the auto correction function should work for most applications. However please contact Texas
Instruments if further fine tuning of the algorithm is required.
The auto correction function yields best performance for input frequencies below 250MHz. For input frequencies
greater than 250MHz it is recommended to disable the auto gain correction loop.
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com