Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 2Page - Texas Instruments ADS5404 Datasheet HTML 3Page - Texas Instruments ADS5404 Datasheet HTML 4Page - Texas Instruments ADS5404 Datasheet HTML 5Page - Texas Instruments ADS5404 Datasheet HTML 6Page - Texas Instruments ADS5404 Datasheet HTML 7Page - Texas Instruments ADS5404 Datasheet HTML 8Page - Texas Instruments ADS5404 Datasheet HTML 9Page - Texas Instruments ADS5404 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADS5402
SLAS936 – MARCH 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Recommended operating junction temperature
105
TJ
°C
Maximum rated operating junction temperature(1)
125
TA
Recommended free-air temperature
–40
25
85
°C
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate.
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 800Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ADC Clock Frequency
40
800
MSPS
Resolution
12
Bits
SUPPLY
AVDD33
3.15
3.3
3.45
V
AVDDC, AVDD18, DVDD, DVDDLVDS
1.7
1.8
1.9
V
IOVDD
1.7
1.8
3.45
V
POWER SUPPLY
IAVDD33
3.3V Analog supply current
305
350
mA
IAVDD18
1.8V Analog supply current
100
120
mA
IAVDDC
1.8V Clock supply current
40
60
mA
IDVDD
1.8V Digital supply current
Auto Correction Enabled
350
400
mA
IDVDD
1.8V Digital supply current
Auto Correction Disabled
220
mA
IDVDD
1.8V Digital supply current
Auto Correction Disabled, decimation filter enabled
250
mA
IDVDDLVDS
1.8V LVDS supply current
150
170
mA
IIOVDD
1.8V I/O Voltage supply current
1
2
mA
Pdis
Total power dissipation
Auto Correction Enabled, decimation filter disabled
2.18
2.5
W
Pdis
Total power dissipation
Auto Correction Disabled, decimation filter disabled
1.9
W
PSRR
250kHz to 500MHz
40
dB
Shut-down power dissipation
7
mW
Shut-down wake up time
2.5
ms
Standby power dissipation
7
mW
Standby wake up time
100
µs
Auto correction disabled
375
mW
Deep-sleep mode power dissipation
Auto correction enabled
510
mW
Deep-sleep mode wakeup time
20
µs
Auto correction disabled
690
mW
Light-sleep mode power dissipation
Auto correction enabled
820
mW
Light-sleep mode wakeup time
2
µs
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com