| Electronic Components Datasheet Search |
|
ADS5404 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5404 Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 40 page ![]() CLKIN SYNC SYNCOUT DACLK 16 clock cycles DA[11:0] Data invalid – 36 samples 16 clock cycles 16 clock cycles 16 clock cycles SYNC SYNCOUT DACLK 16 clock cycles DA[11:0] Data invalid – 36 samples 16 clock cycles 16 clock cycles 16 clock cycles FPGA ASIC ChA ChB DxCLK SYNCOUT Dx[11:0] Sample 1 Sample 2 Sample 3 Sample 4 Sample 5 Sample 6 Sample x FIFO Pointer ADS5402 ChA ChB DxCLK SYNCOUT Dx[11:0] ADS5402 Sample 1 Sample 2 Sample 3 Sample 4 Sample 5 Sample 6 Sample x FIFO Pointer SYNC ADS5402 SLAS936 – MARCH 2013 www.ti.com MULTI DEVICE SYNCHRONIZATION The ADS5402 simplifies the synchronization of data from multiple ADCs in one common receiver. Upon receiving the initial SYNC input signal, the ADS5402 resets all the internal clocks and digital logic while also starting a SYNCOUT signal which operates on a 5bit counter (32 clock cycles). Therefore by providing a common SYNC signal to multiple ADCs their output data can be synchronized as the SYNCOUT signal marks a specific sample with the same latency in all ADCs. The SYNCOUT signal then can be used in the receiving device to synchronize the FIFO pointers across the different input data streams. Thus the output data of multiple ADCs can be aligned properly even if there are different trace lengths between the different ADCs. The SYNC input signal should be a periodic signal repeating every 32 CLKIN clock cycles. It gets registered on the rising edge of the ADC input clock (CLKIN). Upon registering the initial rising edge of the SYNC signal, the internal clocks and logic get reset which results in invalid output data for 36 samples (1 complete sync cycle and 4 additional samples). The SYNCOUT signal starts with the next output clock (DACLK) rising edge and operates on a 5-bit counter independent from the SYNC signal frequency and duty cycle. Since the ADS5402 output interface operates with a DDR clock, the synchronization can happen on the rising edge or falling edge sample. Synchronization on the falling edge sample will result in a half cycle clock stretch of DA/BCLK. For convenience the SYNCOUT signal is available on the ChA/B output LVDS bus. When using decimation the SYNCOUT signal still operates on 32 clock cycles of CLKIN but since the output data is decimated by 2, only the first 18 samples should be discarded. 26 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: ADS5402 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |