Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 17Page - Texas Instruments ADS5404 Datasheet HTML 18Page - Texas Instruments ADS5404 Datasheet HTML 19Page - Texas Instruments ADS5404 Datasheet HTML 20Page - Texas Instruments ADS5404 Datasheet HTML 21Page - Texas Instruments ADS5404 Datasheet HTML 22Page - Texas Instruments ADS5404 Datasheet HTML 23Page - Texas Instruments ADS5404 Datasheet HTML 24Page - Texas Instruments ADS5404 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
2kΩ
2kΩ
0.9V
CLKINP
CLKINN
CLKINP
CLKINN
0.1uF
0.1uF
R
T
R
T
0.1uF
Recommended differential clock driving circuit
ADS5402
www.ti.com
SLAS936 – MARCH 2013
FEATURES
POWER DOWN MODES
The ADS5402 can be configured via SPI write (address x37) to a stand-by, light or deep sleep power mode
which is controlled by the ENABLE pin. The sleep modes are active when the ENABLE pin goes low. Different
internal functions stay powered up which results in different power consumption and wake up time between the
two sleep modes.
Power Consumption Auto
Power Consumption Auto
Sleep mode
Wake up time
correction disabled
correction enabled
Complete Shut Down
2.5 ms
7mW
7mW
Stand-by
100µs
7mW
7mW
Deep Sleep
20µs
375mW
510mW
Light Sleep
2µs
690mW
820mW
TEST PATTERN OUTPUT
The ADS5402 can be configured to output different test patterns that can be used to verify the digital interface is
connected and working properly. To enable the test pattern mode, the high performance mode 1 has to be
disabled first via SPI register write. Then different test patterns can be selected by configuring registers x3C, x3D
and x3E. All three registers must be configured for the test pattern to work properly.
First set HP1 = 0 (Addr 0x01, D01)
Register Address
All 0s
All 1s
Toggle (0xAAA => 0x555)
Toggle (0xFFF => 0x000)
0x3C
0x8000
0xBFFC
0x9554
0xBFFC
0x3D
0x0000
0x3FFC
0x2AA8
0x0000
0x3E
0x0000
0x3FFC
0x1554
0x3FFC
Register
Custom Pattern
Address
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
x3C
1
0
0
0
x3D
0
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
x3E
0
0
0
0
For normal operation, set HP1 = 1 (Addr 0x01, D01) and 0x3C, 0x3D, 0x3E all to 0.
CLOCK INPUT
The ADS5402 clock input can be driven differentially with a sine wave, LVPECL or LVDS source with little or no
difference in performance. The common mode voltage of the clock input is set to 0.9V using internal 2k
Ω
resistors. This allows for AC coupling of the clock inputs. The termination resistors should be placed as close as
possible to the clock inputs in order to minimize signal reflections and jitter degradation.
Figure 37. Recommended Differential Clock Driving Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com