Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 4Page - Texas Instruments ADS5404 Datasheet HTML 5Page - Texas Instruments ADS5404 Datasheet HTML 6Page - Texas Instruments ADS5404 Datasheet HTML 7Page - Texas Instruments ADS5404 Datasheet HTML 8Page - Texas Instruments ADS5404 Datasheet HTML 9Page - Texas Instruments ADS5404 Datasheet HTML 10Page - Texas Instruments ADS5404 Datasheet HTML 11Page - Texas Instruments ADS5404 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADS5402
SLAS936 – MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 800Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
UNITS
Auto Correction
Enabled
Disabled
Vpp
DYNAMIC AC CHARACTERISTICS(1)
fIN = 10 MHz
61.7
61.8
fIN = 100 MHz
61.7
61.8
SNR
Signal to Noise Ratio
fIN = 230 MHz
58
61.3
61.5
dBFS
fIN = 450 MHz
60.7
61.1
fIN = 700 MHz
59.8
60.6
fIN = 10 MHz
78
80
fIN = 100 MHz
77
77
Second and third harmonic
HD2,3
fIN = 230 MHz
67
77
79
dBc
distortion
fIN = 450 MHz
76
77
fIN = 700 MHz
74
75
fIN = 10 MHz
81
83
Spur Free Dynamic Range
fIN = 100 MHz
79
81
Non
(excluding second and third
fIN = 230 MHz
67
78
79
dBc
HD2,3
harmonic distortion and
fIN = 450 MHz
78
79
Fs/2 – FIN spur)
fIN = 700 MHz
76
77
fIN = 10 MHz
91
84
fIN = 100 MHz
81
80
IL
Fs/2-Fin interleaving spur
fIN = 230 MHz
63
74
75
dBc
fIN = 450 MHz
72
71
fIN = 700 MHz
69
69
fIN = 10 MHz
61.6
61.7
fIN = 100 MHz
61.4
61.6
Signal to noise and distortion
SINAD
fIN = 230 MHz
57.7
61
61.3
dBFS
ratio
fIN = 450 MHz
60.5
61
fIN = 700 MHz
59.5
60.3
fIN = 10 MHz
75
77
fIN = 100 MHz
73
75
THD
Total Harmonic Distortion
fIN = 230 MHz
66
73
74
dBc
fIN = 450 MHz
74
75
fIN = 700 MHz
72
72
Fin = 169.5 and 170.5 MHz,
76
76
-7dBFS
IMD3
Inter modulation distortion
dBFS
Fin = 649.5 and 650.5 MHz,
70
72
-7dBFS
Crosstalk
90
90
dB
ENOB
Effective number of bits
fIN = 230 MHz
9.8
9.8
Bit
(1)
SFDR and SNR calculations do not include the DC or Fs/2 bins when Auto Correction is disabled.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com