Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 8Page - Texas Instruments ADS5404 Datasheet HTML 9Page - Texas Instruments ADS5404 Datasheet HTML 10Page - Texas Instruments ADS5404 Datasheet HTML 11Page - Texas Instruments ADS5404 Datasheet HTML 12Page - Texas Instruments ADS5404 Datasheet HTML 13Page - Texas Instruments ADS5404 Datasheet HTML 14Page - Texas Instruments ADS5404 Datasheet HTML 15Page - Texas Instruments ADS5404 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
ADS5402
SLAS936 – MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values at TA = +25°C, full temperature range is TMIN = -40°C to TMAX = +85°C, ADC sampling rate = 800Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, -1dBFS differential input, unless
otherwise noted.
FFT FOR 700 MHz INPUT SIGNAL (auto on)
FFT FOR 700 MHz INPUT SIGNAL (auto off)
Figure 10.
Figure 11.
FFT FOR TWO TONE INPUT SIGNAL (auto on)
FFT FOR TWO TONE INPUT SIGNAL (auto off)
Figure 12.
Figure 13.
SFDR
SNR
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 14.
Figure 15.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com